Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT16244F Datasheet (PDF) - ATMEL Corporation

AT16244F Datasheet PDF - ATMEL Corporation
Part # AT16244F
Download  AT16244F Download
File Size   53.93 Kbytes
Page   6 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT16244 Fast Logic 16-Bit Buffer/Line Driver

AT16244F Datasheet (PDF)

Go To PDF Page Download Datasheet
AT16244F Datasheet PDF - ATMEL Corporation

Part # AT16244F
Download  AT16244F Click to download

File Size   53.93 Kbytes
Page   6 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT16244 Fast Logic 16-Bit Buffer/Line Driver

AT16244F Datasheet (HTML) - ATMEL Corporation


AT16244F Product details

Description
Atmel’s Fast Logic 16-Bit Buffer/Line driver provides bus interface and signal buffering at the fastest speeds available in the industry. The Tri-state outputs can be set for either 4-bit, 8-bit, or 16-bit independent operation. The AT16244 also has bus-hold circuitry which retains the last state of the input whenever a high impedance level is detected, and eliminates the need for pull-up or pull-down resistors. Minimal ground bounce and high input noise rejection make this device excellent for use in all high speed interface applications.

Features
• Fastest Propagation Speeds in the Industry TPD (F grade) = 2.5 ns, TPD (G grade) = 2.0 ns
• Maximum derating for capacitive loads 1.5ns/100 pF (F grade) and 1.1 ns/100 pF (G grade)
• Very low ground bounce < 0.6V @ VCC=5.00 V, Ta=25°C
• Excellent noise rejection
• Typical output skew ≤0.25ns
• Bus Hold circuitry to retain last active state during Tri-State
• Available in SSOP and TSSOP packages




Similar Part No. - AT16244F

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT16245F ATMEL-AT16245F Datasheet
66Kb / 6P
AT16245 Fast Logic Bi-Directional Transceiver
AT16245F-25XC ATMEL-AT16245F-25XC Datasheet
66Kb / 6P
AT16245 Fast Logic Bi-Directional Transceiver
AT16245F-25YC ATMEL-AT16245F-25YC Datasheet
66Kb / 6P
AT16245 Fast Logic Bi-Directional Transceiver
AT16245G ATMEL-AT16245G Datasheet
66Kb / 6P
AT16245 Fast Logic Bi-Directional Transceiver
AT16245G-20XC ATMEL-AT16245G-20XC Datasheet
66Kb / 6P
AT16245 Fast Logic Bi-Directional Transceiver
More results


Similar Description - AT16244F

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
3.3V, 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
3.3V, 16-Bit Buffer/Line Driver
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com