Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17C512 Datasheet (PDF) - ATMEL Corporation

AT17C512 Datasheet PDF - ATMEL Corporation
Part # AT17C512
Download  AT17C512 Download
File Size   113.96 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration E2PROM Memory

AT17C512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT17C512 Datasheet PDF - ATMEL Corporation

Part # AT17C512
Download  AT17C512 Click to download

File Size   113.96 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Configuration E2PROM Memory

AT17C512 Datasheet (HTML) - ATMEL Corporation


AT17C512 Product details

Description
The AT17C512/010 and AT17LV512/010 (high-density AT17 Series) FPGA Configuration EEPROMs (Configurators) provide an easy-to-use, cost-effective configuration memory for Field Programmable Gate Arrays. The AT17 Series is packaged in the popular 20-pin PLCC. The AT17 Series family uses a simple serial-access procedure to configure one or more FPGA devices. The AT17 Series organization supplies enough memory to configure one or multiple smaller FPGAs. The user can select the polarity of the reset function by programming four EEPROM bytes. These devices also support a write protection mode and a system-friendly READY pin, which signifies a “good” power level to the FPGA and can be used to ensure reliable system power-up.
The AT17 Configurator Series can be programmed with industry-standard programmers, Atmel’s ATDH2200E Programming Kit or Atmel’s ATDH2225 ISP Cable.

Features
• EE Programmable 524,288 x 1- and 1,048,576 x 1-bit Serial Memories Designed to Store Configuration Programs for Field Programmable Gate Arrays (FPGAs)
• In-System Programmable via 2-wire Bus
• Simple Interface to SRAM FPGAs
• Compatible with Atmel AT6000, AT40K FPGAs, Altera FLEX® Devices, Lucent ORCA® FPGAs, Xilinx XC3000, XC4000, XC5200, SPARTAN® and Virtex® FPGAs
• Cascadable Read Back to Support Additional Configurations or Future Higher-density Arrays
• Low-power CMOS EEPROM Process
• Programmable Reset Polarity
• Available in PLCC Package (Pin-compatible Across Product Family)
• Emulation of Atmel’s AT24CXXX Serial EEPROMs
• Available in 3.3V ± 10% LV and 5V ± 5% C Versions
• System-friendly READY Pin
• Low-power Standby Mode




Similar Part No. - AT17C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512A ATMEL-AT17C512A Datasheet
134Kb / 11P
FPGA Serial Configuration Memories
AT17C512A ATMEL-AT17C512A Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
AT17C512A-10JC ATMEL-AT17C512A-10JC Datasheet
134Kb / 11P
FPGA Serial Configuration Memories
AT17C512A-10JI ATMEL-AT17C512A-10JI Datasheet
134Kb / 11P
FPGA Serial Configuration Memories
More results


Similar Description - AT17C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65 ATMEL-AT17C65 Datasheet
149Kb / 10P
FPGA Configuration E2PROM
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
FPGA Configuration Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
FPGA CONFIGURATION FLASH MEMORY
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
FPGA Configuration EEPROM Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
FPGA Configuration Flash Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
FPGA Configuration EEPROM Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com