Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet (PDF) - ams AG

TSL2672 Datasheet PDF - ams AG
Part # TSL2672
Download  TSL2672 Download
File Size   749.87 Kbytes
Page   31 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description DIGITAL PROXIMITY DETECTOR

TSL2672 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL2672 Datasheet PDF - ams AG

Part # TSL2672
Download  TSL2672 Click to download

File Size   749.87 Kbytes
Page   31 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description DIGITAL PROXIMITY DETECTOR

TSL2672 Datasheet (HTML) - ams AG


TSL2672 Product details

Description
The TSL2672 family of devices provides proximity detection when coupled with an external IR LED. The devices incorporate a constant-current LED sink driver to pulse the external IR LED and achieve very low average power consumption using the low-power wait state with programmable wait time between proximity measurements. In addition, the devices are register-set and pin-compatible with the TSL2671 series and include a number of new and improved features, such as improved signal-to-noise and measurement accuracy. A proximity offset register allows compensation for optical system crosstalk between the IR LED and the sensor. To prevent false measurements, a proximity saturation bit indicates that the internal analog circuitry saturated. Interrupts have been enhanced with the addition of a sleep-after-interrupt feature that also allows for single-cycle operation.

Features
● Proximity Detection with an Integrated LED Driver in a Single Device
● Register Set- and Pin-Compatible with the TSL2x71 Series
● Proximity Detection
   − Reduced Proximity Count Variation
   − Programmable Offset Control Register
   − Saturation Indicator
   − Programmable Analog Gain and Integration Time
   − Current Sink Driver for External IR LED
   − 16,000:1 Dynamic Range
● Maskable Proximity Interrupt
   − Programmable Upper and Lower Thresholds with Persistence Filter
● Power Management
   − Low Power 2.2 A Sleep State with UserSelectable Sleep-After-Interrupt Mode
   − 90 A Wait State with Programmable Wait Time from 2.7 ms to > 8 seconds
● I2C Fast Mode Compatible Interface
   − Data Rates up to 400 kbit/s
   − Input Voltage Levels Compatible with VDD or 1.8-V Bus
● Small 2 mm  2 mm Dual Flat No-Lead (FN) Package

Applications
● Mobile Handset Touchscreen Control and Automatic Speakerphone Enable
● Mechanical Switch Replacement
● Printer Paper Alignment

End Products and Market Segments
● Mobile Handsets, Tablets, Laptops, and HDTVs
● White Goods
● Toys
● Digital Signage
● Printers




Similar Part No. - TSL2672

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TSL2672 OSRAM-TSL2672 Datasheet
1Mb / 47P
Digital Proximity Detector
v1-01 2019-Nov-20
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
logo
OSRAM GmbH
TSL26721 OSRAM-TSL26721 Datasheet
1Mb / 47P
Digital Proximity Detector
v1-01 2019-Nov-20
TSL26721FN OSRAM-TSL26721FN Datasheet
1Mb / 47P
Digital Proximity Detector
v1-01 2019-Nov-20
TSL26723 OSRAM-TSL26723 Datasheet
1Mb / 47P
Digital Proximity Detector
v1-01 2019-Nov-20
More results


Similar Description - TSL2672

ManufacturerPart #DatasheetDescription
logo
ams AG
TMD2671 AMSCO-TMD2671 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD2672 AMSCO-TMD2672 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
TMD26721 AMSCO-TMD26721 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 AMSCO-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
TEXAS ADVANCED OPTOELEC...
TMD26711 TAOS-TMD26711 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26713 TAOS-TMD26713 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
TMD26723 TAOS-TMD26723 Datasheet
1Mb / 29P
DIGITAL PROXIMITY DETECTOR
logo
ams AG
TSL26721 AMSCO-TSL26721 Datasheet
750Kb / 46P
Digital Proximity Detector
TMD2672 AMSCO-TMD2672_V01 Datasheet
527Kb / 43P
Digital Proximity Detector
2015-Mar-23
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com