Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2672 Datasheet(PDF) 2 Page - ams AG

Part # TSL2672
Description  DIGITAL PROXIMITY DETECTOR
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2672 Datasheet(HTML) 2 Page - ams AG

  TSL2672 Datasheet HTML 1Page - ams AG TSL2672 Datasheet HTML 2Page - ams AG TSL2672 Datasheet HTML 3Page - ams AG TSL2672 Datasheet HTML 4Page - ams AG TSL2672 Datasheet HTML 5Page - ams AG TSL2672 Datasheet HTML 6Page - ams AG TSL2672 Datasheet HTML 7Page - ams AG TSL2672 Datasheet HTML 8Page - ams AG TSL2672 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
TSL2672
DIGITAL PROXIMITY DETECTOR
TAOS133 − MAY 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Proximity Detection with an Integrated LED
Driver in a Single Device
D Register Set- and Pin-Compatible with the
TSL2x71 Series
D Proximity Detection
− Reduced Proximity Count Variation
− Programmable Offset Control Register
− Saturation Indicator
− Programmable Analog Gain and
Integration Time
− Current Sink Driver for External IR LED
− 16,000:1 Dynamic Range
D Maskable Proximity Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Power Management
− Low Power 2.2
mA Sleep State with User-
Selectable Sleep-After-Interrupt Mode
− 90
mA Wait State with Programmable Wait
Time from 2.7 ms to > 8 seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8-V Bus
D Small 2 mm y 2 mm Dual Flat No-Lead (FN)
Package
Applications
D Mobile Handset Touchscreen Control and
Automatic Speakerphone Enable
D Mechanical Switch Replacement
D Printer Paper Alignment
End Products and Market Segments
D Mobile Handsets, Tablets, Laptops, and
HDTVs
D White Goods
D Toys
D Digital Signage
D Printers
Description
The TSL2672 family of devices provides proximity detection when coupled with an external IR LED. The devices
incorporate a constant-current LED sink driver to pulse the external IR LED and achieve very low average power
consumption using the low-power wait state with programmable wait time between proximity measurements.
In addition, the devices are register-set and pin-compatible with the TSL2671 series and include a number of
new and improved features, such as improved signal-to-noise and measurement accuracy. A proximity offset
register allows compensation for optical system crosstalk between the IR LED and the sensor. To prevent false
measurements, a proximity saturation bit indicates that the internal analog circuitry saturated. Interrupts have
been enhanced with the addition of a sleep-after-interrupt feature that also allows for single-cycle operation.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
VDD 1
SCL 2
GND 3
6 SDA
5 INT
4 LDR
Not Actual Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com