Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C040 Datasheet (PDF) - ATMEL Corporation

27C040 Datasheet PDF - ATMEL Corporation
Part # 27C040
Download  27C040 Download
File Size   194.0 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 512K x 8 OTP EPROM

27C040 Datasheet (PDF)

Go To PDF Page Download Datasheet
27C040 Datasheet PDF - ATMEL Corporation

Part # 27C040
Download  27C040 Click to download

File Size   194.0 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 512K x 8 OTP EPROM

27C040 Datasheet (HTML) - ATMEL Corporation


27C040 Product details

Description
The AT27C040 chip is a low-power, high-performance, 4,194,304-bit one-time programmable read-only memory (OTP EPROM) organized as 512K by 8 bits. The AT27C040 requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 70 ns, eliminating the need for speed reducing WAIT states on high-performance microprocessor systems.
Atmel’s scaled CMOS technology provides low active power consumption, and fast programming. Power consumption is typically 8 mA in active mode and less than 10 µA in standby mode.
The AT27C040 is available in a choice of industry standard JEDEC-approved one-time programmable (OTP) plastic PDIP, PLCC and TSOP packages. The device features two-line control (CE, OE) to eliminate bus contention in high-speed systems.
Atmel’s AT27C040 has additional features to ensure high quality and efficient production use. The Rapid Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 100 µs/byte. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages.

Features
• Fast Read Access Time – 70 ns
• Low Power CMOS Operation
   – 100 µA Max Standby
   – 30 mA Max Active at 5 MHz
• JEDEC Standard Packages
   – 32-lead, 600-mil PDIP
   – 32-lead PLCC
   – 32-lead TSOP
• 5V ± 10% Supply
• High Reliability CMOS Technology
   – 2000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid™ Programming Algorithm – 100 µs/Byte (Typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - 27C040

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
27C040 FAIRCHILD-27C040 Datasheet
106Kb / 11P
4,194,304-Bit 512K x 8 High Performance CMOS EPROM
27C040 FAIRCHILD-27C040 Datasheet
111Kb / 11P
4,194,304-Bit (512K x 8) High Performance CMOS EPROM
logo
NXP Semiconductors
27C040 PHILIPS-27C040 Datasheet
481Kb / 14P
4 MEG COMS EPROM(512K x 8)
November 1990
More results


Similar Description - 27C040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV040 ATMEL-AT27BV040 Datasheet
205Kb / 9P
4 Megabit 512K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27LV040A ATMEL-AT27LV040A Datasheet
226Kb / 9P
4 Megabit 512K x 8 Low Voltage OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
AT27BV040 ATMEL-AT27BV040 Datasheet
374Kb / 15P
4-Megabit (512K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
AT27C080 ATMEL-AT27C080_07 Datasheet
352Kb / 14P
8-Megabit (1M x 8) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
4Mb (512K x 8) OTP, EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
4-Megabit (512K x 8) otp eprom
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com