Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT29C257 Datasheet (PDF) - ATMEL Corporation

AT29C257 Datasheet PDF - ATMEL Corporation
Part # AT29C257
Download  AT29C257 Download
File Size   562.2 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K 32K x 8 5-volt Only CMOS Flash Memory

AT29C257 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29C257 Datasheet PDF - ATMEL Corporation

Part # AT29C257
Download  AT29C257 Click to download

File Size   562.2 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K 32K x 8 5-volt Only CMOS Flash Memory

AT29C257 Datasheet (HTML) - ATMEL Corporation


AT29C257 Product details

Description
The AT29C257 is a 5-volt-only in-system Flash programmable and erasable read only memory (PEROM). Its 256K of memory is organized as 32,768 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70 ns with power dissipation of just 275 mW. When the device is deselected, the CMOS standby current is less than 300 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times.
To allow for simple in-system reprogrammability, the AT29C257 does not require high input voltages for programming. Five-volt-only commands determine the operation of the device. Reading data out of the device is similar to reading from a static RAM. Reprogramming the AT29C257 is performed on a page basis; 64-bytes of data are loaded into the device and then simultaneously programmed. The contents of the entire device may be erased by using a 6-byte software code (although erasure before programming is not needed).
During a reprogram cycle, the address locations and 64-bytes of data are internally latched, freeing the address and data bus for other operations. Following the initiation of a program cycle, the device will automatically erase the page and then program the latched data using an internal control timer. The end of a program cycle can be detected by DATA polling of I/O7. Once the end of a program cycle has been detected a new access for a read, program or chip erase can begin.

Features
• Fast Read Access Time - 70 ns
• 5-Volt-Only Reprogramming
• Page Program Operation
   Single Cycle Reprogram (Erase and Program)
   Internal Address and Data Latches for 64-Bytes
• Internal Program Control and Timer
• Hardware and Software Data Protection
• Fast Program Cycle Times
   Page (64-Byte) Program Time - 10 ms
   Chip Erase Time - 10 ms
• DATA Polling for End of Program Detection
• Low Power Dissipation
   50 mA Active Current
   300 µA CMOS Standby Current
• Typical Endurance > 10,000 Cycles
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• Pin-Compatible with AT29C010A and AT29C512 for Easy System Upgrades




Similar Part No. - AT29C257

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
343Kb / 17P
256K (32K x 8) 5-volt Only Flash Memory
AT29C256-12 ATMEL-AT29C256-12 Datasheet
664Kb / 12P
256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256-12JC ATMEL-AT29C256-12JC Datasheet
664Kb / 12P
256K 32K x 8 5-volt Only CMOS Flash Memory
AT29C256-12JC ATMEL-AT29C256-12JC Datasheet
343Kb / 17P
256K (32K x 8) 5-volt Only Flash Memory
More results


Similar Description - AT29C257

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
664Kb / 12P
256K 32K x 8 5-volt Only CMOS Flash Memory
AT29LV256 ATMEL-AT29LV256 Datasheet
449Kb / 10P
256K 32K x 8 3-volt Only CMOS Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
2-megabit (256K x 8) 5-volt Only Flash Memory
AT29C256 ATMEL-AT29C256 Datasheet
343Kb / 17P
256K (32K x 8) 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
2-megabit (256K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com