Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C128 Datasheet (PDF) - ATMEL Corporation

24C128 Datasheet PDF - ATMEL Corporation
Part # 24C128
Download  24C128 Download
File Size   225.74 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROMs

24C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C128 Datasheet PDF - ATMEL Corporation

Part # 24C128
Download  24C128 Click to download

File Size   225.74 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROMs

24C128 Datasheet (HTML) - ATMEL Corporation


24C128 Product details

Description
The AT24C128/256 provides 131,072/262,144 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The device’s cascadable feature allows up to 4 devices to share a common Two-wire bus. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The devices are available in space-saving 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead EIAJ SOIC, 8-lead MAP (24C128), 8-lead TSSOP, 8-lead SOIC Array Package and 8-ball dBGA2 packages. In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 3.6V) versions.

Features
• Low-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
   – 1.8 (VCC = 1.8V to 3.6V)
• Internally Organized 16,384 x 8 and 32,768 x 8
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V), 400 kHz (2.7V, 2.5V) and 100 kHz (1.8V) Compatibility
• Write Protect Pin for Hardware and Software Data Protection
• 64-byte Page Write Mode (Partial Page Writes Allowed)
• Self-timed Write Cycle (5 ms Max)
• High Reliability
   – Endurance: One Million Write Cycles
   – Data Retention: 40 Years
• Extended Temperature and Lead-free/Halogen-free Devices Available
• 8-lead JEDEC PDIP, 8-lead JEDEC and EIAJ SOIC, 8-lead MAP, 8-lead TSSOP,
   8-lead SAP and 8-ball dBGA2 Packages
• Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers




Similar Part No. - 24C128

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
24C128 ISSI-24C128 Datasheet
53Kb / 12P
131,072-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24C128 ETC1-24C128 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
More results


Similar Description - 24C128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
2-WIRE SERIAL EEPROMS
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com