Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43101 Datasheet (PDF) - ATMEL Corporation

AT43101 Datasheet PDF - ATMEL Corporation
Part # AT43101
Download  AT43101 Download
File Size   103.15 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM

AT43101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT43101 Datasheet PDF - ATMEL Corporation

Part # AT43101
Download  AT43101 Click to download

File Size   103.15 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM

AT43101 Datasheet (HTML) - ATMEL Corporation


AT43101 Product details

Description
The AT43101 is a low power, high integration PCMCIA interface chip set for memory cards. It provides a complete PCMCIA PC Card Standard Release 2.1 compliant interface with no other support devices. Two AT43101’s are used on each memory card.

Features
• Supports PCMCIA PC Card Standard - Release 2.1
• Directly connects to PCMCIA Connector
• No Additional Circuits Required
• 256 x 8 Internal Parallel E2PROM for CIS
    Endurance: 10,000 Write Cycles
    Data Retention: 10 Years
    Internally Controlled Write Algorithm
• Operates over VCC = 4.5 to 5.5 Volts
• 64 Pin TQFP, Max. Height = 1.2 mm Mounted
• Usage is Two Devices Per Card
• Dual Mode Device with Mode Select Pin
• Supports Up to 64 Mbytes of:
    Flash E2PROM SRAM
    ROM OTP




Similar Part No. - AT43101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
Low-Voltage Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC2-AT431 Datasheet
3Mb / 33P
Accessories Hardware
AT431 ETC-AT431 Datasheet
3Mb / 34P
Accessories Hardware
logo
Aimtron Technology
AT431-GRE AIMTRON-AT431-GRE Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
More results


Similar Description - AT43101

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T Datasheet
290Kb / 8P
16K 2K x 8 PCMCIA Nonvolatile Attribute Memory
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
Hitachi Semiconductor
HD63487 HITACHI-HD63487 Datasheet
1Mb / 29P
MEMORY INTERFACE AND VIDEO ATTRIBUTE CONTROLLER (MIVAC)
logo
ATMEL Corporation
AT28C16-T ATMEL-AT28C16-T_14 Datasheet
104Kb / 12P
Ideal Rewritable Attribute Memory
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
2K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
4K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
8K Bytes of Reprogrammable Flash Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
20K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
20K Bytes of Reprogrammable Flash Memory
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
773Kb / 14P
10 Bytes of EEPROM User Memory
Rev 1; 11/13
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com