Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1682 Datasheet (PDF) - Maxim Integrated Products

DS1682 Datasheet PDF - Maxim Integrated Products
Part # DS1682
Download  DS1682 Download
File Size   773.67 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10 Bytes of EEPROM User Memory

DS1682 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1682 Datasheet PDF - Maxim Integrated Products

Part # DS1682
Download  DS1682 Click to download

File Size   773.67 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10 Bytes of EEPROM User Memory

DS1682 Datasheet (HTML) - Maxim Integrated Products


DS1682 Product details

General Description
The DS1682 is an integrated elapsed-time recorder containing a factory-calibrated, temperature-compensated RC time base that eliminates the need for an external crystal. Using EEPROM technology to maintain data in the absence of power, the DS1682 requires no backup power source.

Benefits and Features
● Records the Total Time That the Event Input Has Been Active and the Number of Events That Have Occurred
● 32-Bit, Nonvolatile, Elapsed Time Counter (ETC) Monitors Event Duration with Quarter-Second Resolution and Provides 34 Years of Total Time Accumulation
● Programmable Elapsed Time ALARM Output
● Nonvolatile, 17-Bit Event Counter Records the Total Number of Times an Event has Occurred
● Calibrated, Temperature-Compensated RC Time Base Accurate to 2% Typical
● 10 Bytes of EEPROM User Memory
● Write Disable Function to Prevent the Memory from Being Changed or Erased
● 2-Wire Serial Communication
● Wide 2.5V to 5.5V Power-Supply Range
● Useful in Time-of-Use Warranty, Calibration, Repair, and Maintenance Applications

Applications
● High-Temp, Rugged, Industrial Applications Where Vibration or Shock Could Damage a Quartz Crystal
● Any System Where Time-of-Use is Important (Warranty Tracking)




Similar Part No. - DS1682

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
logo
Dallas Semiconductor
DS1682S DALLAS-DS1682S Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682S+ MAXIM-DS1682S+ Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+T&R MAXIM-DS1682S+T&R Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Similar Description - DS1682

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43101 ATMEL-AT43101 Datasheet
103Kb / 14P
PCMCIA Card Memory Interface Circuit with 256 Bytes of Internal Attribute Memory EEPROM
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
ATMEL Corporation
AT89C2051 ATMEL-AT89C2051_14 Datasheet
398Kb / 19P
2K Bytes of Reprogrammable Flash Memory
AT89LV51 ATMEL-AT89LV51_14 Datasheet
164Kb / 16P
4K Bytes of Reprogrammable Flash Memory
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
8K Bytes of Reprogrammable Flash Memory
AT89C4051 ATMEL-AT89C4051_14 Datasheet
405Kb / 19P
4K Bytes of Reprogrammable Flash Memory
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
20K Bytes of Reprogrammable Flash Memory
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
32K Bytes of Reprogrammable Flash Memory
AT89C55WD ATMEL-AT89C55WD_14 Datasheet
523Kb / 35P
20K Bytes of Reprogrammable Flash Memory
logo
NXP Semiconductors
68HC05PE0 NXP-68HC05PE0 Datasheet
3Mb / 60P
The memory map includes 2096 bytes of user ROM, 128 bytes of RAM, and 64 bits of Personality EPROM.
REV. 1.2 December 8, 1993
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com