Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1682 Datasheet (PDF) - Dallas Semiconductor

DS1682 Datasheet PDF - Dallas Semiconductor
Part # DS1682
Download  DS1682 Download
File Size   77.05 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Total Elapsed Time Recorder with Alarm

DS1682 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1682 Datasheet PDF - Dallas Semiconductor

Part # DS1682
Download  DS1682 Click to download

File Size   77.05 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Total Elapsed Time Recorder with Alarm

DS1682 Datasheet (HTML) - Dallas Semiconductor


DS1682 Product details

DESCRIPTION
The DS1682 is an integrated elapsed time recorder that will provide the total amount of time that an event is/has been active since the DS1682 was last reset to zero via the 2-wire bus. When the total time accumulated is equal to the preset alarm trip point and the polarity bit is set to a zero, the Alarm# output will become active to alert the user, or with the polarity bit set to a one, the Alarm# output will become inactive when the values match. This is ideal for applications such as monitoring the total amount of time that something is turned on or in operation, how long something has been used, or the total number of uses since the last calibration or repair.

FEATURES
■ Records the total time that the Event Input has been active and the number of events that have occurred
■ Elapsed Time Counter to monitor event durations with quarter second resolution
■ Built in 32 bit non-volatile Total Time Accumulator Register (34 years)
■ Non-volatile 17-bit Event Counter records the total number of times an event has occurred
■ Programmable 32 bit non-volatile alarm trip point to trigger Alarm# output
■ Alarm# output to alert the user that the total accumulated time limit has been reached
■ Calibrated, Temperature Compensated RC time base (accurate to 1% typ)
■ Stores the contents of the Elapsed Time Counter with the previous total and increments the event counter at the end of each event or power down
■ Reset Enable bit to allow the device to be ■leared to zero, if desired
■ 10 bytes of write protectable EEPROM user memory
■ Write Disable bit to prevent the memory from being changed or erased
■ Anti-Glitch filter will prevent noise spikes from triggering false events on the Event Input
■ 2-wire serial communication
■ Wide power supply range (2.5V – 5.5V)




Similar Part No. - DS1682

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682 Datasheet
773Kb / 14P
10 Bytes of EEPROM User Memory
Rev 1; 11/13
DS1682 MAXIM-DS1682 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+ MAXIM-DS1682S+ Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1682S+T&R MAXIM-DS1682S+T&R Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
More results


Similar Description - DS1682

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
Parallel-Interface Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com