Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1602 Datasheet (PDF) - Maxim Integrated Products

DS1602 Datasheet PDF - Maxim Integrated Products
Part # DS1602
Download  DS1602 Download
File Size   187.01 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Elapsed Time Counter

DS1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1602 Datasheet PDF - Maxim Integrated Products

Part # DS1602
Download  DS1602 Click to download

File Size   187.01 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Elapsed Time Counter

DS1602 Datasheet (HTML) - Maxim Integrated Products


DS1602 Product details

DESCRIPTION
The DS1602 is a real-time clock/elapsed time counter designed to count seconds when VCC power is applied and continually count seconds under battery backup power with an additional counter regardless of the condition of VCC. The continuous counter can be used to derive time of day, week, month, and year by using a software algorithm. The VCC powered counter will automatically record the amount of time that VCC power is applied. This function is particularly useful in determining the operational time of equipment in which the DS1602 is used. Alternatively, this counter can also be used under software control to record real-time events. Communication to and from the DS1602 takes place via a 3-wire serial port. A 1-byte protocol selects read/ write functions, counter clear functions and oscillator trim. A low cost 32.768kHz crystal attaches directly to the X1 and X2 pins. If battery powered-only operation is desired, the VBAT pin must be grounded and the VCC pin must be connected to the battery.

FEATURES
■ Two 32-bit counters keep track of real-time and elapsed time
■ Counters keep track of seconds for over 125 years
■ Battery powered counter counts seconds from
   the time battery is attached until VBAT is less than 2.5V
■ VCC powered counter counts seconds while
   VCC is above VTP and retains the count in the
   absence of VCC under battery backup power
■ Clear function resets selected counter to 0
■ Read/write serial port affords low pin count
■ Maximum current drain of less than 1 µA from VBAT pin when serial port is disabled
■ One byte protocol defines read/write, counter address and software clear function
■ 8-pin DIP or optional 8-pin SOIC
■ Operating temperature range of -40°C to +85°C
■ Reduced performance operation down to VCC = 2.5V
■ Underwriters Laboratory (UL) recognized




Similar Part No. - DS1602

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
More results


Similar Description - DS1602

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
Parallel-Interface Elapsed Time Counter
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1318 MAXIM-DS1318_10 Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com