Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1602 Datasheet (PDF) - Dallas Semiconductor

DS1602 Datasheet PDF - Dallas Semiconductor
Part # DS1602
Download  DS1602 Download
File Size   123.4 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Elapsed Time Counter

DS1602 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1602 Datasheet PDF - Dallas Semiconductor

Part # DS1602
Download  DS1602 Click to download

File Size   123.4 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Elapsed Time Counter

DS1602 Datasheet (HTML) - Dallas Semiconductor


DS1602 Product details

DESCRIPTION
The DS1602 is a real time clock/elapsed time counter designed to count seconds when VCC power is applied and continually count seconds under battery backup power with an additional counter regardless of the condition of VCC. The continuous counter can be used to derive time of day, week, month, and year by using a software algorithm. The VCC powered counter will automatically record the amount of time that VCC power is applied. This function is particularly useful in determining the operational time of equipment in which the DS1602 is used. Alternatively, this counter can also be used under software control to record real time events. Communication to and from the DS1602 takes place via a 3–wire serial port. A 1-byte protocol selects read/ write functions, counter clear functions and oscillator trim. A low cost 32.768 kHz crystal attaches directly to the X1 and X2 pins. If battery powered-only operation is desired, the VBAT pin must be grounded and the VCC pin must be connected to the battery.

FEATURES
■ Two 32–bit counters keep track of real time
   and elapsed time
■ Counters keep track of seconds for over 125 years
■ Battery powered counter counts seconds from
   the time battery is attached until VBAT is less
   than 2.5 volts
■ VCC powered counter counts seconds while
   VCC is above 4.25 volts and retains the count
   in the absence of VCC under battery backup
   power
■ Clear function resets selected counter to 0
■ Read/Write serial port affords low pin count
■ Maximum current drain of less than 1 µA
   from VBAT pin when serial port is disabled
■ One byte protocol defines read/write, counter
   address and software clear function
■ 8–pin DIP or optional 8–pin SOIC
■ Operating temperature range of –40°C to +85°C
■ Reduced performance operation down to VCC = 2.5V




Similar Part No. - DS1602

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
More results


Similar Description - DS1602

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
Elapsed Time Counter Module
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
Total Elapsed Time Recorder with Alarm
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
Parallel-Interface Elapsed Time Counter
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
Power Failure Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
Elapsed Time Counter
093002
DS1318 MAXIM-DS1318_10 Datasheet
242Kb / 15P
Parallel-Interface Elapsed Time Counter
Rev 1; 12/10
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
Total-Elapsed-Time Recorder with Alarm
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
Elapsed Time Meters
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
Elapsed Time Counter Module
093002
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com