Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C64 Datasheet (PDF) - ATMEL Corporation

24C64 Datasheet PDF - ATMEL Corporation
Part # 24C64
Download  24C64 Download
File Size   237.23 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM

24C64 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C64 Datasheet PDF - ATMEL Corporation

Part # 24C64
Download  24C64 Click to download

File Size   237.23 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM

24C64 Datasheet (HTML) - ATMEL Corporation


24C64 Product details

Description
The AT24C32/64 provides 32,768/65,536 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 4096/8192 words of 8 bits each. The device’s cascadable feature allows up to 8 devices to share a common 2-wire bus. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT24C32/64 is available in space saving 8-pin JEDEC PDIP, 8-pin and 14-pin JEDEC SOIC, 8-pin EIAJ SOIC, and 8-pin TSSOP packages and is accessed via a 2-wire serial interface.
In addition, the entire family is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) versions.

Features
• Low-Voltage and Standard-Voltage Operation
   – 5.0 (VCC = 4.5V to 5.5V)
   – 2.7 (VCC = 2.7V to 5.5V)
   – 2.5 (VCC = 2.5V to 5.5V)
   – 1.8 (VCC = 1.8V to 5.5V)
• Low-Power Devices (ISB = 2 µA @ 5.5V) Available
• Internally Organized 4096 x 8, 8192 x 8
• 2-Wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 100 kHz (1.8V, 2.5V, 2.7V) and 400 kHz (5V) Compatibility
• Write Protect Pin for Hardware Data Protection
• 32-Byte Page Write Mode (Partial Page Writes Allowed)
• Self-Timed Write Cycle (10 ms max)
• High Reliability
   – Endurance: 1 Million Write Cycles
   – Data Retention: 100 Years
   – ESD Protection: >3,000V
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin JEDEC PDIP, 8-Pin and 14-Pin JEDEC SOIC, 8-Pin EIAJ SOIC,
   and 8-pin TSSOP Packages




Similar Part No. - 24C64

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C64 STMICROELECTRONICS-24C64 Datasheet
149Kb / 19P
64/32 Kbit Serial I²C Bus EEPROM
05-Jan-2005
logo
Siemens Semiconductor G...
24C64 SIEMENS-24C64 Datasheet
358Kb / 26P
64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
Fairchild Semiconductor
24C64 FAIRCHILD-24C64 Datasheet
100Kb / 13P
64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
Catalyst Semiconductor
24C64 CATALYST-24C64 Datasheet
84Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
24C64 CATALYST-24C64 Datasheet
84Kb / 12P
Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
More results


Similar Description - 24C64

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C164 ATMEL-AT24C164 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com