Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29C512 Datasheet (PDF) - ATMEL Corporation

29C512 Datasheet PDF - ATMEL Corporation
Part # 29C512
Download  29C512 Download
File Size   692.35 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 64K x 8 5-volt Only CMOS Flash Memory

29C512 Datasheet (PDF)

Go To PDF Page Download Datasheet
29C512 Datasheet PDF - ATMEL Corporation

Part # 29C512
Download  29C512 Click to download

File Size   692.35 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 64K x 8 5-volt Only CMOS Flash Memory

29C512 Datasheet (HTML) - ATMEL Corporation


29C512 Product details

Description
The AT29C512 is a 5-volt only in-system Flash programmable and erasable read only memory (PEROM). Its 512K of memory is organized as 65,536 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the device offers access times to 70 ns with power dissipation of just 275 mW over the industrial temperature range. When the device is deselected, the CMOS standby current is less than 300 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times.
To allow for simple in-system reprogrammability, the AT29C512 does not require high input voltages for programming. Five-volt-only commands determine the operation of the device. Reading data out of the device is similar to reading from an EPROM. Reprogramming the AT29C512 is performed on a sector basis; 128 bytes of data are loaded into the device and then simultaneously programmed.
During a reprogram cycle, the address locations and 128 bytes of data are internally latched, freeing the address and data bus for other operations. Following the initiation of a program cycle, the device will automatically erase the sector and then program the latched data using an internal control timer. The end of a program cycle can be detected by DATA polling of I/O7. Once the end of a program cycle has been detected, a new access for a read or program can begin.

Features
• Fast Read Access Time – 70 ns
• 5-volt Only Reprogramming
• Sector Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 512 Sectors (128 Bytes/Sector)
   – Internal Address and Data Latches for 128 Bytes
• Internal Program Control and Timer
• Hardware and Software Data Protection
• Fast Sector Program Cycle Time – 10 ms
• DATA Polling for End of Program Detection
• Low Power Dissipation
   – 50 mA Active Current
   – 300 µA CMOS Standby Current
• Typical Endurance > 10,000 Cycles
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - 29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
16 Bit Flow Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
16-Bit Flow-Through EDAC Error Detection And Correction unit
More results


Similar Description - 29C512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29LV512 ATMEL-AT29LV512 Datasheet
456Kb / 10P
512K 64K x 8 3-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F512 ATMEL-AT49F512 Datasheet
178Kb / 11P
512K 64K x 8 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT29C512 ATMEL-AT29C512 Datasheet
284Kb / 18P
512K (64K x 8) 5-volt Only Flash Memory
AT29LV512 ATMEL-AT29LV512_08 Datasheet
341Kb / 15P
512K (64K x 8) 3-volt Only Flash Memory
AT29C512 ATMEL-AT29C512_08 Datasheet
333Kb / 18P
512K (64K x 8) 5-volt Only Flash Memory
AT29C512-20PC ATMEL-AT29C512-20PC Datasheet
897Kb / 17P
512K (64K x 8) 5-Volt Only CMOS Flash PEROM
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com