Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49BV010 Datasheet (PDF) - ATMEL Corporation

AT49BV010 Datasheet PDF - ATMEL Corporation
Part # AT49BV010
Download  AT49BV010 Download
File Size   88.72 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory

AT49BV010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49BV010 Datasheet PDF - ATMEL Corporation

Part # AT49BV010
Download  AT49BV010 Click to download

File Size   88.72 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory

AT49BV010 Datasheet (HTML) - ATMEL Corporation


AT49BV010 Product details

Description

The AT49(H)BV010 and the AT49(H)LV010 are 3-volt-only, 1-megabit Flash memories organized as 131,072 words of 8 bits each. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 55 ns with power dissipation of just 90 mW over the commercial temperature range. When the devices are deselected, the CMOS standby current is less than 50 µA.

To allow for simple in-system reprogrammability, the AT49(H)BV/(H)LV010 does not require high input voltages for programming. Three-volt-only commands determine the read and programming operation of the device. Reading data out of the device is similar to reading from an EPROM. Reprogramming the AT49(H)BV/(H)LV010 is performed by erasing the entire 1 megabit of memory and then programming on a byte by byte basis. The typical byte programming time is a fast 30 µs.



Features

• Single Supply Voltage, Range 2.7V to 3.6V

• Single Supply for Read and Write

• Fast Read Access Time - 55 ns

• Internal Program Control and Timer

• 8K bytes Boot Block With Lockout

• Fast Erase Cycle Time - 10 seconds

• Byte By Byte Programming - 30 µs/Byte typical

• Hardware Data Protection

• DATA Polling For End Of Program Detection

• Low Power Dissipation

   – 25 mA Active Current

   – 50 µA CMOS Standby Current

• Typical 10,000 Write Cycles



 




Similar Part No. - AT49BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001-12JC ATMEL-AT49BV001-12JC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12PC ATMEL-AT49BV001-12PC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12TC ATMEL-AT49BV001-12TC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results


Similar Description - AT49BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com