Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT29BV010A Datasheet (PDF) - ATMEL Corporation

AT29BV010A Datasheet PDF - ATMEL Corporation
Part # AT29BV010A
Download  AT29BV010A Download
File Size   490.74 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash

AT29BV010A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29BV010A Datasheet PDF - ATMEL Corporation

Part # AT29BV010A
Download  AT29BV010A Click to download

File Size   490.74 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash

AT29BV010A Datasheet (HTML) - ATMEL Corporation


AT29BV010A Product details

Description
The AT29BV010A is a 2.7-volt only in-system Flash Programmable and Erasable Read Only Memory (Flash). Its 1 megabit of memory is organized as 131,072 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technol ogy, the device offers access times to 120 ns, and a low 54 mW power dissipation. When the device is deselected, the CMOS standby current is less than 50 µA. The device endurance is such that any sector can typically be written to in excess of 10,000 times. The programming algorithm is compatible with other devices in Atmel’s Low Voltage Flash family of products.
To allow for simple in-system reprogrammability, the AT29BV010A does not require high input voltages for programming. The device can be operated with a single 2.7V to 3.6V supply. Reading data out of the device is similar to reading from an EPROM. Reprogramming the AT29BV010A is performed on a sector basis; 128 bytes of data are loaded into the device and then simultaneously programmed.

Features
• Single Supply Voltage, Range 2.7V to 3.6V
• Single Supply for Read and Write
• Software Protected Programming
• Fast Read Access Time – 120 ns
• Low Power Dissipation
   – 15 mA Active Current
   – 50 µA CMOS Standby Current
• Sector Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 1024 Sectors (128 Bytes/Sector)
   – Internal Address and Data Latches for 128 Bytes
• Two 8K Bytes Boot Blocks with Lockout
• Fast Sector Program Cycle Time – 20 ms Max
• Internal Program Control and Timer
• DATA Polling for End of Program Detection
• Typical Endurance > 10,000 Cycles
• CMOS and TTL Compatible Inputs and Outputs
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT29BV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV010A ATMEL-AT29BV010A Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A-12JU ATMEL-AT29BV010A-12JU Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A-12TU ATMEL-AT29BV010A-12TU Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A-15JU ATMEL-AT29BV010A-15JU Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A-15TU ATMEL-AT29BV010A-15TU Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Similar Description - AT29BV010A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com