Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT29BV040A Datasheet (PDF) - ATMEL Corporation

AT29BV040A Datasheet PDF - ATMEL Corporation
Part # AT29BV040A
Download  AT29BV040A Download
File Size   168.73 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory

AT29BV040A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29BV040A Datasheet PDF - ATMEL Corporation

Part # AT29BV040A
Download  AT29BV040A Click to download

File Size   168.73 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory

AT29BV040A Datasheet (HTML) - ATMEL Corporation


AT29BV040A Product details

Description
The AT29BV040A is a 3-volt-only in-system Flash Programmable and Erasable Read Only Memory (PEROM). Its 4 megabits of memory is organized as 524,288 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technology, the device offers access times to 200 ns, and a low 54 mW power dissipation. When the device is deselected, the CMOS standby current is less than 40 µA.

Features
• Single Supply Voltage, Range 2.7V to 3.6V
• Single Supply for Read and Write
• Software Protected Programming
• Fast Read Access Time – 200 ns
• Low Power Dissipation
   – 15 mA Active Current
   – 40 µA CMOS Standby Current
• Sector Program Operation
   – Single Cycle Reprogram (Erase and Program)
   – 2048 Sectors (256 Bytes/Sector)
   – Internal Address and Data Latches for 256 Bytes
• Two 16K Bytes Boot Blocks with Lockout
• Fast Sector Program Cycle Time – 20 ms Max.
• Internal Program Control and Timer
• DATA Polling for End of Program Detection
• Minimum Endurance 10,000 Cycles
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT29BV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A-20JU ATMEL-AT29BV040A-20JU Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A-20TU ATMEL-AT29BV040A-20TU Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Similar Description - AT29BV040A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV512 ATMEL-AT49BV512 Datasheet
118Kb / 11P
512K 64K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040A ATMEL-AT49BV040A Datasheet
182Kb / 17P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV040 ATMEL-AT49BV-LV040 Datasheet
268Kb / 13P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV040A ATMEL-AT29BV040A_08 Datasheet
361Kb / 16P
4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com