Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT29BV020 Datasheet (PDF) - ATMEL Corporation

AT29BV020 Datasheet PDF - ATMEL Corporation
Part # AT29BV020
Download  AT29BV020 Download
File Size   489.28 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory

AT29BV020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT29BV020 Datasheet PDF - ATMEL Corporation

Part # AT29BV020
Download  AT29BV020 Click to download

File Size   489.28 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory

AT29BV020 Datasheet (HTML) - ATMEL Corporation


AT29BV020 Product details

Description
The AT29BV020 is a 2.7-volt-only in-system Flash Programmable and Erasable Read Only Memory (PEROM). Its 2 megabits of memory is organized as 262,144 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS EEPROM technology, the device offers access times up to 250 ns, and a low 54 mW power dissipation.

Features
• Single Supply Voltage, Range 2.7V to 3.6V
• Single Supply for Read and Write
• Software Protected Programming
• Fast Read Access Time - 250 ns
• Low Power Dissipation
    15 mA Active Current
    20 µA CMOS Standby Current
• Sector Program Operation
    Single Cycle Reprogram (Erase and Program)
    1024 Sectors (256 bytes/sector)
    Internal Address and Data Latches for 256-Bytes
• Two 8 KB Boot Blocks with Lockout
• Fast Sector Program Cycle Time - 20 ms Max.
• Internal Program Control and Timer
• DATA Polling for End of Program Detection
• Typical Endurance > 10,000 Cycles
• CMOS and TTL Compatible Inputs and Outputs
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT29BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV020 ATMEL-AT29BV020 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020-12JU ATMEL-AT29BV020-12JU Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020-12TU ATMEL-AT29BV020-12TU Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020-15JU ATMEL-AT29BV020-15JU Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020-15TU ATMEL-AT29BV020-15TU Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Similar Description - AT29BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV040A ATMEL-AT29BV040A Datasheet
168Kb / 14P
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com