Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4124A Datasheet (PDF) - 3M Electronics

4124A Datasheet PDF - 3M Electronics
Part # 4124A
Download  4124A Download
File Size   38.33 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers

4124A Datasheet (PDF)

Go To PDF Page Download Datasheet
4124A Datasheet PDF - 3M Electronics

Part # 4124A
Download  4124A Click to download

File Size   38.33 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers

4124A Datasheet (HTML) - 3M Electronics


4124A Product details

Features
■ Contacts (.040" wide on lower end) are serrated for the best electrical contact.
■ .025" X .028" serrated test points on upper end will accept wire wraps or mini test clips.
■ Molded barriers between contacts allows live board connections without accidental shorting of contacts.
■ Can also be used as an insertion tool for DIPs.
■ Contacts are spring tempered Nickel Silver or Gold Plated Beryllium Copper alloy. Oxide penetrating clips have a roughened stainless steel surface treatment.
■ Open back option allows probing on the chip leads while clip is attached. Pomona's DIP Clip® test clips are perfect for emulation, field service, failure analysis, and for use with logic analyzers. Size Pins Clip Width Standard DIP Clip® Open Back DIP Clip® Contact Material and Plating Oxide Penetrating DIP Clip® Static Control DIP Remover 8 .43 5108 5208 Be-Cu, Gold Plate 5649 5016 5014 5114 Nickel Silver 5650 5016 14 .72 5214 5314 Be-Cu, Gold Plate 5650 5016 3916A 4236A Nickel Silver 5692 5016 16 .83 5116 5216 Be-Cu, Gold Plate 5692 5016 20 1.03 5120 5220 Be-Cu, Gold Plate 5693 5016 4124A 4324A Nickel Silver 5694 5024 24 1.22 5124 5224 Be-Cu, Gold Plate 5694 5024 4140A 4340A Nickel Silver 5695 5040 40 2.02 5140 5240 Be-Cu, Gold Plate 5695 5040




Similar Part No. - 4124A

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4124 FILTRONIC-4124 Datasheet
369Kb / 3P
POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
Peregrine Semiconductor...
4124 PEREGRINE-4124 Datasheet
265Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
logo
Unisonic Technologies
4124 UTC-4124 Datasheet
130Kb / 3P
HIGH FREQUENCY SWITCHING TRANSISTORS FOR BALLASTERS
logo
API Technologies Corp
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
4124 APITECH-4124 Datasheet
195Kb / 3P
POWER DIVIDERS
More results


Similar Description - 4124A

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
A61 CONNOR-WINFIELD-A61 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
E82-510 CONNOR-WINFIELD-E82-510 Datasheet
85Kb / 2P
8 PIN DIP ECL
EH81-510 CONNOR-WINFIELD-EH81-510 Datasheet
85Kb / 2P
8 PIN DIP ECL
S51R CONNOR-WINFIELD-S51R Datasheet
59Kb / 1P
8 PIN DIP HCMOS
H42 CONNOR-WINFIELD-H42 Datasheet
52Kb / 1P
8 PIN DIP HCMOS
H73 CONNOR-WINFIELD-H73 Datasheet
32Kb / 1P
8 PIN DIP HCMOS
S51 CONNOR-WINFIELD-S51 Datasheet
55Kb / 1P
8 PIN DIP HCMOS
V61-200 CONNOR-WINFIELD-V61-200 Datasheet
72Kb / 1P
8 PIN DIP VCXO
logo
Crystek Corporation
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
8 & 14 Pin Dip, 3.3V, HCMOS
logo
Microchip Technology
AC163021 MICROCHIP-AC163021 Datasheet
455Kb / 2P
8-pin DIP pin 1
6/04
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com