Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC6501P045VCTTR Datasheet (PDF) - Microchip Technology

TC6501P045VCTTR Datasheet PDF - Microchip Technology
Part # TC6501P045VCTTR
Download  TC6501P045VCTTR Download
File Size   262.01 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra Small Temperature Switches with Pin Selectable Hysteresis

TC6501P045VCTTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TC6501P045VCTTR Datasheet PDF - Microchip Technology

Part # TC6501P045VCTTR
Download  TC6501P045VCTTR Click to download

File Size   262.01 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra Small Temperature Switches with Pin Selectable Hysteresis

TC6501P045VCTTR Datasheet (HTML) - Microchip Technology


TC6501P045VCTTR Product details

General Description
The TC6501/2/3/4 are SOT-23 temperature switches that require no external components and are available with factory-programmed temperature thresholds. A choice of factory-trimmed temperature trip points are also available. Pin-selectable hysteresis of +2°C or +10°C allows flexibility to the design of the application. These parts typically consume only 17 µA of current and operate over the entire -55°C to +135°C temperature range, while offering accuracies of ±0.5°C (typ).

Features
• 5-Pin SOT-23A
• Factory-programmed Thresholds from -45°C to +125°C in 10°C Increments
• Pin Selectable +2°C or +10°C Hysteresis
• ±0.5°C (Typ) Threshold Accuracy Over Full Temperature Range
• No External Components Required
• 17 µA Supply Current (Typ)

Applications
• Thermal Management in PCs and Servers
• Over-temperature Fail-safe Circuits
• Simple Fan Controller
• Temperature Alarms
• Projectors/Printers
• Notebook Computers
• Network Boxes




Similar Part No. - TC6501P045VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
254Kb / 16P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P045VCTTR MICROCHIP-TC6501P045VCTTR Datasheet
272Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results


Similar Description - TC6501P045VCTTR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
High-Voltage Hysteresis Selectable Temperature Switch
logo
Microchip Technology
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
Torex Semiconductor
XC3101-12 TOREX-XC3101-12 Datasheet
225Kb / 13P
Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com