Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49F1024 Datasheet (PDF) - ATMEL Corporation

49F1024 Datasheet PDF - ATMEL Corporation
Part # 49F1024
Download  49F1024 Download
File Size   178.46 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1-Megabit 64K x 16 5-volt Only Flash Memory

49F1024 Datasheet (PDF)

Go To PDF Page Download Datasheet
49F1024 Datasheet PDF - ATMEL Corporation

Part # 49F1024
Download  49F1024 Click to download

File Size   178.46 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1-Megabit 64K x 16 5-volt Only Flash Memory

49F1024 Datasheet (HTML) - ATMEL Corporation


49F1024 Product details

Description

The AT49F1024 and the AT49F1025 are 5-volt-only in-system Flash memories. Their 1 megabit of memory is organized as 65,536 words by 16 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 35 ns with power dissipation of just 275 mW over the commercial temperature range. When the device is deselected, the CMOS standby current is less than 100 µA. The only difference between the AT49F1024 and the AT49F1025 is the package.



Features

• Single-voltage Operation

   – 5V Read

   – 5V Reprogramming

• Fast Read Access Time – 35 ns

• Internal Program Control and Timer

• 8K Word Boot Block with Lockout

• Fast Erase Cycle Time – 10 seconds

• Word-by-word Programming – 10 µs/Word Typical

• Hardware Data Protection

• Data Polling for End of Program Detection

• Small 10 x 14 mm VSOP Package

• Typical 10,000 Write Cycles




Similar Part No. - 49F1024

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
49F HONGFA-49F Datasheet
44Kb / 1P
RELAY SOCKET
logo
Yuan Dean Scientific., ...
49F YUANDEAN-49F Datasheet
1Mb / 2P
RJ45 Jack
49F-1201 YUANDEAN-49F-1201 Datasheet
1Mb / 2P
RJ45 Jack
49F-1201YGD2NL YUANDEAN-49F-1201YGD2NL Datasheet
1Mb / 2P
RJ45 Jack
49F-1202 YUANDEAN-49F-1202 Datasheet
1Mb / 2P
RJ45 Jack
More results


Similar Description - 49F1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
1-megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
1-Megabit (64K x 16) 3-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com