Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS8252 Datasheet (PDF) - ATMEL Corporation

AT89LS8252 Datasheet PDF - ATMEL Corporation
Part # AT89LS8252
Download  AT89LS8252 Download
File Size   470.49 Kbytes
Page   31 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes Flash

AT89LS8252 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89LS8252 Datasheet PDF - ATMEL Corporation

Part # AT89LS8252
Download  AT89LS8252 Click to download

File Size   470.49 Kbytes
Page   31 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes Flash

AT89LS8252 Datasheet (HTML) - ATMEL Corporation


AT89LS8252 Product details

Description

The AT89LS8252 is a low-power, wide-voltage range, high-performance CMOS 8-bit microcomputer with 8K bytes of Downloadable Flash programmable and erasable read only memory and 2K bytes of EEPROM. The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the indus try standard 80C51 instruction set and pinout.



Features

• Compatible with MCS® 51 Products

• 8K Bytes of In-System Reprogrammable Downloadable Flash Memory

- SPI Serial Interface for Program Downloading

- Endurance: 1,000 Write/Erase Cycles

• 2K Bytes EEPROM

- Endurance: 100,000 Write/Erase Cycles

• 2.7V to 6V Operating Range

• Fully Static Operation: 0 Hz to 12 MHz

• Three-Level Program Memory Lock

• 256 x 8 bit Internal RAM

• 32 Programmable I/O Lines

• Three 16 bit Timer/Counters

• Nine Interrupt Sources

• Programmable UART Serial Channel

• SPI Serial Interface

• Low Power Idle and Power Down Modes

• Interrupt Recovery From Power Down

• Programmable Watchdog Timer

• Dual Data Pointer

• Power Off Flag




Similar Part No. - AT89LS8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS8252 ATMEL-AT89LS8252 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12AC ATMEL-AT89LS8252-12AC Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12AI ATMEL-AT89LS8252-12AI Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12JC ATMEL-AT89LS8252-12JC Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12JI ATMEL-AT89LS8252-12JI Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
More results


Similar Description - AT89LS8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_02 Datasheet
439Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com