Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS8252 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LS8252
Description  8-Bit Microcontroller with 8K Bytes Flash
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS8252 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LS8252 Datasheet HTML 1Page - ATMEL Corporation AT89LS8252 Datasheet HTML 2Page - ATMEL Corporation AT89LS8252 Datasheet HTML 3Page - ATMEL Corporation AT89LS8252 Datasheet HTML 4Page - ATMEL Corporation AT89LS8252 Datasheet HTML 5Page - ATMEL Corporation AT89LS8252 Datasheet HTML 6Page - ATMEL Corporation AT89LS8252 Datasheet HTML 7Page - ATMEL Corporation AT89LS8252 Datasheet HTML 8Page - ATMEL Corporation AT89LS8252 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
AT89LS8252
4-137
8-Bit
Microcontroller
with 8K Bytes
Flash
AT89LS8252
Features
• Compatible with MCS-51™Products
• 8K Bytes of In-System Reprogrammable Downloadable Flash Memory
- SPI Serial Interface for Program Downloading
- Endurance: 1,000 Write/Erase Cycles
• 2K Bytes EEPROM
- Endurance: 100,000 Write/Erase Cycles
• 2.7V to 6V Operating Range
• Fully Static Operation: 0 Hz to 12 MHz
• Three-Level Program Memory Lock
• 256 x 8 bit Internal RAM
• 32 Programmable I/O Lines
• Three 16 bit Timer/Counters
• Nine Interrupt Sources
• Programmable UART Serial Channel
• SPI Serial Interface
• Low Power Idle and Power Down Modes
• Interrupt Recovery From Power Down
• Programmable Watchdog Timer
• Dual Data Pointer
• Power Off Flag
Description
The AT89LS8252 is a low-power, wide-voltage range, high-performance CMOS 8-bit
microcomputer with 8K bytes of Downloadable Flash programmable and erasable
read only memory and 2K bytes of EEPROM. The device is manufactured using
Atmel’s high density nonvolatile memory technology and is compatible with the indus-
try standard 80C51 instruction set and pinout. The on-chip Downloadable Flash
allows the program memory to be reprogrammed in-system through an SPI serial
interface or by a conventional nonvolatile memory programmer. By combining a ver-
satile 8-bit CPU with Downloadable Flash on a monolithic chip, the Atmel
AT89LS8252 is a powerful microcomputer which provides a highly flexible and cost
effective solution to many embedded control applications.
The AT89LS8252 provides the following standard features: 8K bytes of Downloadable
Flash, 2K bytes of EEPROM, 256 bytes of RAM, 32 I/O lines, programmable watch-
dog timer, two Data Pointers, three 16-bit timer/counters, a six-vector two-level inter-
rupt architecture, a full duplex serial port, on-chip oscillator, and clock circuitry. In
addition, the AT89LS8252 is designed with static logic for operation down to zero fre-
quency and supports two software selectable power saving modes. The Idle Mode
stops the CPU while allowing the RAM, timer/counters, serial port, and interrupt sys-
tem to continue functioning. The Power Down Mode saves the RAM contents but
freezes the oscillator, disabling all other chip functions until the next interrupt or hard-
ware reset.
The Downloadable Flash can be changed a single byte at a time and is accessible
through the SPI serial interface. Holding RESET active forces the SPI bus into a serial
programming interface and allows the program memory to be written to or read from
unless Lock Bit 2 has been activated.
0850B-B–12/97


Similar Part No. - AT89LS8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS8252 ATMEL-AT89LS8252 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12AC ATMEL-AT89LS8252-12AC Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12AI ATMEL-AT89LS8252-12AI Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12JC ATMEL-AT89LS8252-12JC Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252-12JI ATMEL-AT89LS8252-12JI Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
More results

Similar Description - AT89LS8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_02 Datasheet
439Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com