Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89 Datasheet (PDF) - ATMEL Corporation

AT89 Datasheet PDF - ATMEL Corporation
Part # AT89
Download  AT89 Download
File Size   151.61 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 1K Byte Flash

AT89 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89 Datasheet PDF - ATMEL Corporation

Part # AT89
Download  AT89 Click to download

File Size   151.61 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 1K Byte Flash

AT89 Datasheet (HTML) - ATMEL Corporation


AT89 Product details

Description

The AT89C1051 is a low-voltage, high-performance CMOS 8-bit microcomputer with 1K byte of Flash programmable and erasable read only memory (PEROM). The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the industry standard MCS-51™ instruction set. By combining a versatile 8-bit CPU with Flash on a monolithic chip, the Atmel AT89C1051 is a powerful microcomputer which provides a highly flexible and cost effective solution to many embedded control applications.



Features

• Compatible with MCS-51™ Products

• 1K Byte of Reprogrammable Flash Memory

   – Endurance: 1,000 Write/Erase Cycles

• 2.7V to 6V Operating Range

• Fully Static Operation: 0 Hz to 24 MHz

• Two-Level Program Memory Lock

• 64 bytes SRAM

• 15 Programmable I/O Lines

• One 16-Bit Timer/Counter

• Three Interrupt Sources

• Direct LED Drive Outputs

• On-Chip Analog Comparator

• Low Power Idle and Power Down Modes



 




Similar Part No. - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89 ATMEL-AT89 Datasheet
129Kb / 15P
8-Bit Microcontroller with 4K Bytes Flash
AT89 ATMEL-AT89 Datasheet
181Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89 ATMEL-AT89 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT892051 ATMEL-AT892051 Datasheet
251Kb / 13P
8-Bit Microcontroller with 2K Bytes Flash
logo
List of Unclassifed Man...
AT89C1051 ETC2-AT89C1051 Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results


Similar Description - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY15L ATMEL-ATTINY15L Datasheet
210Kb / 11P
8-bit AVR Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11 Datasheet
1Mb / 91P
8-bit AVR Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_06 Datasheet
176Kb / 13P
8-bit Microcontroller with 1K Byte Flash
ATTINY15L ATMEL-ATTINY15L Datasheet
758Kb / 85P
8-bit Microcontroller with 1K Byte Flash
ATTINY15 ATMEL-ATTINY15_01 Datasheet
1Mb / 79P
8-BIT AVR짰 Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_07 Datasheet
229Kb / 15P
8-bit Microcontroller with 1K Byte Flash
AT89C1051U ATMEL-AT89C1051U_00 Datasheet
201Kb / 15P
8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1PU ATMEL-ATTINY15L-1PU Datasheet
1Mb / 85P
8-bit Microcontroller with 1K Byte Flash
ATTINY15L-1SU ATMEL-ATTINY15L-1SU Datasheet
1Mb / 85P
8-bit Microcontroller with 1K Byte Flash
ATTINY11 ATMEL-ATTINY11_14 Datasheet
230Kb / 15P
Microcontroller with 1K Byte Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com