Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89 Datasheet (PDF) - ATMEL Corporation

AT89 Datasheet PDF - ATMEL Corporation
Part # AT89
Download  AT89 Download
File Size   181.36 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes Flash

AT89 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89 Datasheet PDF - ATMEL Corporation

Part # AT89
Download  AT89 Click to download

File Size   181.36 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes Flash

AT89 Datasheet (HTML) - ATMEL Corporation


AT89 Product details

Description

The AT89C52 is a low-power, high-performance CMOS 8-bit microcomputer with 8K bytes of Flash programmable and erasable read only memory (PEROM). The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the industry standard 80C51 and 80C52 instruction set and pinout. The on-chip Flash allows the program memory to be reprogrammed in-system or by a conventional nonvolatile memory programmer. By combining a versatile 8-bit CPU with Flash on a monolithic chip, the Atmel AT89C52 is a powerful microcomputer which provides a highly flexible and cost effective solution to many embedded control applications.



Features

• Compatible with MCS-51™ Products

• 8K Bytes of In-System Reprogrammable Flash Memory

– Endurance: 1,000 Write/Erase Cycles

• Fully Static Operation: 0 Hz to 24 MHz

• Three-Level Program Memory Lock

• 256 x 8-Bit Internal RAM

• 32 Programmable I/O Lines

• Three 16-Bit Timer/Counters

• Eight Interrupt Sources

• Programmable Serial Channel

• Low Power Idle and Power Down Modes




Similar Part No. - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89 ATMEL-AT89 Datasheet
151Kb / 12P
8-Bit Microcontroller with 1K Byte Flash
AT89 ATMEL-AT89 Datasheet
129Kb / 15P
8-Bit Microcontroller with 4K Bytes Flash
AT89 ATMEL-AT89 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT892051 ATMEL-AT892051 Datasheet
251Kb / 13P
8-Bit Microcontroller with 2K Bytes Flash
AT89C1051 ATMEL-AT89C1051 Datasheet
151Kb / 12P
8-Bit Microcontroller with 1K Byte Flash
More results


Similar Description - AT89

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LS8252 ATMEL-AT89LS8252 Datasheet
470Kb / 31P
8-Bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252 Datasheet
474Kb / 41P
8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_02 Datasheet
439Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com