Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7243AR Datasheet (PDF) - Analog Devices

AD7243AR Datasheet PDF - Analog Devices
Part # AD7243AR
Download  AD7243AR Download
File Size   161.84 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 12-Bit Serial DACPORT

AD7243AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7243AR Datasheet PDF - Analog Devices

Part # AD7243AR
Download  AD7243AR Click to download

File Size   161.84 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS 12-Bit Serial DACPORT

AD7243AR Datasheet (HTML) - Analog Devices


AD7243AR Product details

GENERAL DESCRIPTION
The AD7243 is a complete 12-bit, voltage output, digital-to-analog converter with output amplifier and Zener voltage reference on a monolithic CMOS chip. No external trims are required to achieve full specified performance.
The output amplifier is capable of developing +10 V across a 2 kΩ load. The output voltage ranges with single supply operation are 0 V to +5 V or 0 V to +10 V, while an additional bipolar ±5 V output range is available with dual supplies. The ranges are selected using the internal gain resistor.
The data format is natural binary in both unipolar ranges, while either offset binary or two’s complement format may be selected in the bipolar range. A CLR function is provided which sets the output to 0 V in both unipolar ranges and in the two’s complement bipolar range, while with offset binary data format, the output is set to –REFIN. This function is useful as a power-on reset as it allows the output to be set to a known voltage level.

FEATURES
   12-Bit CMOS DAC with
      On-Chip Voltage Reference
      Output Amplifier
   Three Selectable Output Ranges
      –5 V to +5 V, 0 V to +5 V, 0 V to +10 V
   Serial Interface
   300 kHz DAC Update Rate
   Small Size: 16-Lead DIP or SOIC
   Nonlinearity: ±1/2 LSB TMIN to TMAX
   Low Power Dissipation: 100 mW Typical

APPLICATIONS
   Process Control
   Industrial Automation
   Digital Signal Processing Systems
   Input/Output Ports




Similar Part No. - AD7243AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7243AR AD-AD7243AR Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7243AR AD-AD7243AR Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7243ARZ-REEL AD-AD7243ARZ-REEL Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
More results


Similar Description - AD7243AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7243 AD-AD7243 Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
LC2MOS 12-Bit DACPORT
AD7249 AD-AD7249 Datasheet
149Kb / 12P
LC2MOS Dual 12-Bit Serial DACPORT
REV.C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
LC2MOS 12-BiT DACPORT
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
LC2MOS 12-Bit DACPORT
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
LC2MOS Dual 12-Bit DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com