Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT93C46B Datasheet (PDF) - ATMEL Corporation

AT93C46B Datasheet PDF - ATMEL Corporation
Part # AT93C46B
Download  AT93C46B Download
File Size   143.32 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-Wire Serial E2PROMs

AT93C46B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT93C46B Datasheet PDF - ATMEL Corporation

Part # AT93C46B
Download  AT93C46B Click to download

File Size   143.32 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 3-Wire Serial E2PROMs

AT93C46B Datasheet (HTML) - ATMEL Corporation


AT93C46B Product details

Description
The AT93C46B provides 1024 bits of serial electrically erasable programmable read only memory (EEPROM) organized as 64 words of 16 bits each. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT93C46B is available in space saving 8-pin PDIP and 8-pin JEDEC packages.
The AT93C46B is enabled through the Chip Select pin (CS), and accessed via a 3-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift Clock (SK). Upon receiving a READ instruction at DI, the address is decoded and the data is clocked out serially on the data output pin DO. The WRITE cycle is completely self timed and no separate ERASE cycle is required before WRITE. The WRITE cycle is only enabled when the part is in the ERASE/WRITE ENABLE state. When CS is brought “high” following the initiation of a WRITE cycle, the DO pin outputs the READY/BUSY status of the part.
The AT93C46B is available in 4.5V to 5.5V, 2.7V to 5.5V, and 2.5V to 5.5V versions.

Features
• x16 Organization Utilizing “No Connects” for Pins 6 and 7
• Low Voltage and Standard Voltage Operation
   – 5.0 (VCC = 4.5V to 5.5V)
   – 2.7 (VCC = 2.7V to 5.5V)
   – 2.5 (VCC = 2.5V to 5.5V)
• 3-Wire Serial Interface
• 2 MHz Clock Rate (5V) Compatibility
• Self-Timed Write Cycle (10 ms max)
• High Reliability
   – Endurance: 1 Million Cycles
   – Data Retention: 100 Years
• Automotive Grade and Extended Temperature Devices Available
• 8-Pin PDIP and JEDEC SOIC Packages




Similar Part No. - AT93C46B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
3-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
535Kb / 18P
Three-wire Serial EEPROM
AT93C46-10 ATMEL-AT93C46-10 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
More results


Similar Description - AT93C46B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128 ATMEL-AT25128 Datasheet
178Kb / 12P
SPI Serial E2PROMs
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
3-wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46C ATMEL-AT93C46C Datasheet
155Kb / 11P
3-Wire Serial EEPROM
logo
Seiko Instruments Inc
S-93C46B SII-S-93C46B_1 Datasheet
463Kb / 50P
3-WIRE SERIAL E2PROM
logo
ATMEL Corporation
AT93C46E ATMEL-AT93C46E_14 Datasheet
748Kb / 18P
3-wire Serial EEPROM
AT93C56B ATMEL-AT93C56B_14 Datasheet
854Kb / 21P
3-wire Serial EEPROM
AT93C66B ATMEL-AT93C66B_14 Datasheet
854Kb / 21P
3-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A Datasheet
124Kb / 16P
3-wire Serial EEPROM
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
2Mb / 39P
3-WIRE SERIAL E2PROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com