Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89S8252 Datasheet (PDF) - ATMEL Corporation

89S8252 Datasheet PDF - ATMEL Corporation
Part # 89S8252
Download  89S8252 Download
File Size   474.26 Kbytes
Page   41 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes Flash

89S8252 Datasheet (PDF)

Go To PDF Page Download Datasheet
89S8252 Datasheet PDF - ATMEL Corporation

Part # 89S8252
Download  89S8252 Click to download

File Size   474.26 Kbytes
Page   41 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 8K Bytes Flash

89S8252 Datasheet (HTML) - ATMEL Corporation


89S8252 Product details

Description

The AT89S8252 is a low-power, high-performance CMOS 8 bit microcomputer with 8K bytes of Downloadable Flash programmable and erasable read only memory and 2K bytes of EEPROM. The device is manufactured using Atmel’s high density nonvolatile memory technology and is compatible with the industry standard 80C51 in struction set and pinout. The on-chip Downloadable Flash allows the program memory to be reprogrammed in-system through an SPI serial interface or by a conven tional nonvolatile memory programmer. By combining a versatile 8 bit CPU with Downloadable Flash on a monolithic chip, the Atmel AT89S8252 is a powerful micro

computer which provides a highly flexible and cost effective solution to many embedded control applications.



Features

•Compatible with MCS-51TM Products

•8K bytes of In-System Reprogrammable Downloadable Flash Memory SPI Serial Interface for Program Downloading Endurance: 1,000 Write/Erase Cycles

•2K bytes EEPROM Endurance: 100,000 Write/Erase Cycles

•2.7V to 6V Operating Range

•Fully Static Operation: 0 Hz to 24 MHz

•Three-Level Program Memory Lock

•256 x 8 bit Internal RAM

•32 Programmable I/O Lines

•Three 16 bit Timer/Counters

•Nine Interrupt Sources

•Programmable UART Serial Channel

•SPI Serial Interface

•Low Power Idle and Power Down Modes

•Interrupt Recovery From Power Down

•Programmable Watchdog Timer

•Dual Data Pointer

•Power Off Flag




Similar Part No. - 89S8252

ManufacturerPart #DatasheetDescription
logo
NEWTC co., ltd.
89S52 NEWTC-89S52 Datasheet
1Mb / 8P
89S52(ISP) 개발 보드 ( Model : AB-S52 ) 메뉴얼
logo
Ohmite Mfg. Co.
89SERIES OHMITE-89SERIES Datasheet
1Mb / 2P
High power to size ratio
More results


Similar Description - 89S8252

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252 Datasheet
470Kb / 31P
8-Bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
8-Bit Microcontroller with 8K Bytes Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_02 Datasheet
439Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
8-bit Microcontroller with 8K Bytes Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com