Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF16V8C Datasheet (PDF) - ATMEL Corporation

ATF16V8C Datasheet PDF - ATMEL Corporation
Part # ATF16V8C
Download  ATF16V8C Download
File Size   545.93 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance E2 PLD

ATF16V8C Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF16V8C Datasheet PDF - ATMEL Corporation

Part # ATF16V8C
Download  ATF16V8C Click to download

File Size   545.93 Kbytes
Page   16 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance E2 PLD

ATF16V8C Datasheet (HTML) - ATMEL Corporation


ATF16V8C Product details

Description
The Atmel® ATF16V8C is a high performance EECMOS programmable logic device (PLD) that utilizes the Atmel proven electrically-erasable (EE) Flash memory technology. Offered options include speeds down to 5ns and a 100μA pin-controlled power-down mode. All speed ranges are specified over the full 5V ± 10% range for industrial temperature ranges, and 5V ± 5% for commercial range 5V devices.

Features
• Industry-standard architecture
   – Emulates Many 20-pin PALs®
   – Low-cost, easy to use software tools
• High speed electrically-erasable programmable logic devices (EE PLD)
   – 5ns maximum pin-to-pin delay
• Low power, 100μA pin controlled power-down mode option
• CMOS and TTL compatible inputs and outputs
   – I/O pin keeper circuits
• Advanced flash technology
   – Reprogrammable
   – 100% tested
• High reliability CMOS process
   – 20 year data retention
   – 100 erase/write cycles
   – 2,000V ESD protection
   – 200mA latchup immunity
• Commercial and industrial temperature ranges
• Dual-in-line and surface mount packages in standard pinouts
• PCI compliant
• Green (ROHS compliant) package options available




Similar Part No. - ATF16V8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C Datasheet
503Kb / 18P
Highperformance EE PLD
ATF16V8C-10JI ATMEL-ATF16V8C-10JI Datasheet
1Mb / 23P
Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF16V8C-5JC ATMEL-ATF16V8C-5JC Datasheet
503Kb / 18P
Highperformance EE PLD
ATF16V8C-5JC ATMEL-ATF16V8C-5JC Datasheet
1Mb / 23P
Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF16V8C-5JX ATMEL-ATF16V8C-5JX Datasheet
1Mb / 23P
Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
More results


Similar Description - ATF16V8C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
High Performance E2 PLD
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com