Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet (PDF) - ATMEL Corporation

ATF1508AS Datasheet PDF - ATMEL Corporation
Part # ATF1508AS
Download  ATF1508AS Download
File Size   393.2 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance E2 PLD

ATF1508AS Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF1508AS Datasheet PDF - ATMEL Corporation

Part # ATF1508AS
Download  ATF1508AS Click to download

File Size   393.2 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance E2 PLD

ATF1508AS Datasheet (HTML) - ATMEL Corporation


ATF1508AS Product details

Description
The ATF1508AS is a high-performance, high-density complex programmable logic device (CPLD) that utilizes Atmel’s proven electrically-erasable technology. With 128 logic macrocells and up to 100 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs. The ATF1508AS’s enhanced routing switch matrices increase usable gate count and increase odds of successful pin-locked design modifications.

Features
• High-density, High-performance, Electrically-erasable Complex Programmable Logic Device
    – 128 Macrocells
    – 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
    – 84, 100, 160 Pins
    – 7.5 ns Maximum Pin-to-pin Delay
    – Registered Operation up to 125 MHz
    – Enhanced Routing Resources
• Flexible Logic Macrocell
    – D/T/Latch Configured Flip-flops
    – Global and Individual Register Control Signals
    – Global and Individual Output Enable
    – Programmable Output Slew Rate
    – Programmable Output Open Collector Option
    – Maximum Logic Utilization by Burying a Register within a COM Output
• Advanced Power Management Features
    – Automatic 10 µA Standby for “L” Version
    – Pin-controlled 1 mA Standby Mode
    – Programmable Pin-keeper Inputs and I/Os
    – Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 84-lead PLCC, 100-lead PQFP, 100-lead TQFP and 160-lead PQFP Packages
• Advanced EE Technology
    – 100% Tested
    – Completely Reprogrammable
    – 10,000 Program/Erase Cycles
    – 20-year Data Retention
    – 2000V ESD Protection
    – 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• Fast In-System Programmability (ISP) via JTAG
• PCI-compliant
• 3.3 or 5.0V I/O Pins
• Security Fuse Feature
• Green (Pb/Halide-free/RoHS Compliant) Package Options

Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Transparent-latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• VCC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
    – Edge-controlled Power-down “L”
    – Individual Macrocell Power Option
    – Disable ITD on Global Clocks, Inputs and I/O for “Z” Parts




Similar Part No. - ATF1508AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10AC100 ATMEL-ATF1508AS-10AC100 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10AL100 ATMEL-ATF1508AS-10AL100 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10AU100 ATMEL-ATF1508AS-10AU100 Datasheet
717Kb / 31P
Highperformance EE PLD
ATF1508AS-10JC84 ATMEL-ATF1508AS-10JC84 Datasheet
717Kb / 31P
Highperformance EE PLD
More results


Similar Description - ATF1508AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500A ATMEL-ATF1500A Datasheet
680Kb / 16P
High Performance E2 PLD
ATF16V8C ATMEL-ATF16V8C Datasheet
545Kb / 16P
High Performance E2 PLD
ATF16V8CZ ATMEL-ATF16V8CZ Datasheet
381Kb / 10P
High Performance E2 PLD
ATF22LV10C ATMEL-ATF22LV10C Datasheet
240Kb / 19P
High Performance E2 PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATF22V10C ATMEL-ATF22V10C Datasheet
234Kb / 8P
High Performance E2 PLD
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
270Kb / 9P
High Performance E2 PLD
ATF16V8B ATMEL-ATF16V8B_1 Datasheet
657Kb / 16P
High Performance Flash PLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com