Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1508AS Datasheet HTML 1Page - ATMEL Corporation ATF1508AS Datasheet HTML 2Page - ATMEL Corporation ATF1508AS Datasheet HTML 3Page - ATMEL Corporation ATF1508AS Datasheet HTML 4Page - ATMEL Corporation ATF1508AS Datasheet HTML 5Page - ATMEL Corporation ATF1508AS Datasheet HTML 6Page - ATMEL Corporation ATF1508AS Datasheet HTML 7Page - ATMEL Corporation ATF1508AS Datasheet HTML 8Page - ATMEL Corporation ATF1508AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ATF1508AS/Z
5
ing the buried feedback, expander and CASCADE logic.
The output enable for each macrocell can be selected as
one of the global OUTPUT enable signals. The device has
six global OE signals.
Global Bus/Switch Matrix
The global bus contains all input and I/O pin signals as well
as the buried feedback signal from all 128 macrocells.
The Switch Matrix in each Logic Block receives as its inputs
all signals from the global bus. Under software control, up
to 40 of these signals can be selected as inputs to the
Logic Block.
Foldback Bus
Each macrocell also generates a foldback product term.
This signal goes to the regional bus and is available to 16
macrocells. The foldback is an inverse polarity of one of the
macrocell’s product terms. The 16 foldback terms in each
region allows generation of high fan-in sum terms (up to 21
product terms) with a small additional delay.
3.3V or 5.0V I/O Operation
The ATF1508AS device has two sets of VCC pins viz,
V
CCINT and VCCIO. VCCINT pins must always be connected to
a 5.0V power supply. VCCINT pins are for input buffers and
are “compatible” with both 3.3V and 5.0V inputs. V
CCIO pins
are for I/O output drives and can be connected for 3.3/5.0V
power supply.
Open-Collector Output Option
This option enables the device output to provide control
signals such as an interrupt that can be asserted by any of
the several devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com