Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 9Page - ATMEL Corporation ATF1508AS Datasheet HTML 10Page - ATMEL Corporation ATF1508AS Datasheet HTML 11Page - ATMEL Corporation ATF1508AS Datasheet HTML 12Page - ATMEL Corporation ATF1508AS Datasheet HTML 13Page - ATMEL Corporation ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ATF1508AS/Z
13
JTAG-BST Overview
The JTAG boundary-scan testing is controlled by the Test
Access Port (TAP) controller in the ATF1508AS. The
boundary-scan technique involves the inclusion of a shift-
register stage (contained in a boundary-scan cell) adjacent
to each component so that signals at component bound-
aries can be controlled and observed using scan testing
principles. Each input pin and I/O pin has its own boundary
scan cell (BSC) in order to support boundary scan testing.
The ATF1508AS does not currently include a Test Reset
(TRST) input pin because the TAP controller is automati-
cally reset at power up. The six JTAG BST modes sup-
ported include: SAMPLE/PRELOAD, EXTEST, BYPASS,
IDCODE. BST on the ATF1508AS is implemented using
the Boundary Scan Definition Language (BSDL) described
in the JTAG specification (IEEE Standard 1149.1). Any
third party tool that supports the BSDL format can be used
to perform BST on the ATF1508AS.
The ATF1508AS also has the option of using four JTAG-
standard I/O pins for in-system programming (ISP). The
ATF1508AS is programmable through the four JTAG pins
using programming compatible with the IEEE JTAG Stan-
dard 1149.1. Programming is performed by using 5V TTL-
level programming signals from the JTAG ISP interface.
The JTAG feature is a programmable option. If JTAG (BST
or ISP) is not needed, then the four JTAG control pins are
available as I/O pins.
JTAG Boundary Scan Cell (BSC)
Testing
The ATF1508AS contains up to 96 I/O pins and 4 input
pins, depending on the device type and package type
selected. Each input pin and I/O pin has its own boundary
scan cell (BSC) in order to support boundary scan testing
as described in detail by IEEE Standard 1149.1. Typical
BSC consists of three capture registers or scan registers
and up to two update registers. There are two types of
BSCs, one for input or I/O pin, and one for the macrocells.
The BSCs in the device are chained together through the
capture registers. Input to the capture register chain is fed
in from the TDI pin while the output is directed to the TDO
pin. Capture registers are used to capture active device
data signals, to shift data in and out of the device and to
load data into the update registers. Control signals are gen-
erated internally by the JTAG TAP controller. The BSC
configuration for the input and I/O pins and macrocells are
shown below.
BSC Configuration Pins and
Macrocells (except JTAG TAP Pins)
Note:
The ATF1508AS has pull-up option on TMS and TDI
pins. This feature is selected as a design option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com