Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation ATF1508AS Datasheet HTML 18Page - ATMEL Corporation ATF1508AS Datasheet HTML 19Page - ATMEL Corporation ATF1508AS Datasheet HTML 20Page - ATMEL Corporation ATF1508AS Datasheet HTML 21Page - ATMEL Corporation ATF1508AS Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ATF1508AS/Z
21
Ordering Information
tPD
(ns)
tCO1
(ns)
fMAX
(MHz)
Ordering Code
Package
Operation Range
7.5
4.5
166.7
ATF1508AS-7 JC84
ATF1508AS-7 QC100
ATF1508AS-7 AC100
ATF1508AS-7 QC160
84J
100Q1
100A
160Q
Commercial
(0
°C to 70°C)
10
5
125
ATF1508AS-10 JC84
ATF1508AS-10 QC100
ATF1508AS-10 AC100
ATF1508AS-10 QC160
84J
100Q1
100A
160Q
Commercial
(0
°C to 70°C)
15
8
100
ATF1508AS-15 JC84
ATF1508AS-15 QC100
ATF1508AS-15 AC100
ATF1508AS-15 QC160
84J
100Q1
100A
160Q
Commercial
(0
°C to 70°C)
15
8
100
ATF1508AS-15 JI84
ATF1508AS-15 QI100
ATF1508AS-15 AI100
ATF1508AS-15 QI160
84J
100Q1
100A
160Q
Industrial
(-40
°C to +85°C)
20
12
83.3
ATF1508ASZ-20 JC84
ATF1508ASZ-20 QC100
ATF1508ASZ-20 AC100
ATF1508ASZ-20 QC160
84J
100Q1
100A
160Q
Commercial
(0
°C to 70°C)
25
15
70
ATF1508ASZ-25 JC84
ATF1508ASZ-25 QC100
ATF1508ASZ-25 AC100
ATF1508ASZ-25 QC160
84J
100Q1
100A
160Q
Commercial
(0
°C to 70°C)
25
15
70
ATF1508ASZ-25 JI84
ATF1508ASZ-25 QI100
ATF1508ASZ-25 AI100
ATF1508ASZ-25 QI160
84J
100Q1
100A
160Q
Industrial
(-40
°C to +85°C)
Package Type
84J
84-Lead, Plastic J-Leaded Chip Carrier (PLCC)
100Q1
100-Lead, Plastic Quad Pin Flat Package (PQFP)
100A
100-Lead, Very Thin Plastic Gull Wing Quad Flat Package (TQFP)
160Q
160-Lead, Plastic Quad Pin Flat Package (PQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com