Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508AS Datasheet(PDF) 22 Page - ATMEL Corporation

Part # ATF1508AS
Description  High Performance E2 PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 14Page - ATMEL Corporation ATF1508AS Datasheet HTML 15Page - ATMEL Corporation ATF1508AS Datasheet HTML 16Page - ATMEL Corporation ATF1508AS Datasheet HTML 17Page - ATMEL Corporation ATF1508AS Datasheet HTML 18Page - ATMEL Corporation ATF1508AS Datasheet HTML 19Page - ATMEL Corporation ATF1508AS Datasheet HTML 20Page - ATMEL Corporation ATF1508AS Datasheet HTML 21Page - ATMEL Corporation ATF1508AS Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
ATF1508AS/Z
22
Packaging Information
*Controlling dimension: Millimeters
PIN 1 ID
.667(16.95)
.687(17.44)
.782(19.87)
.792(20.12)
.904(22.95)
.923(23.45)
0.026(.65) BSC
.009(0.22)
.016(0.41)
.134(3.40) MAX
.004(0.10) MIN
.028(0.73)
.041(1.03)
.546(13.87)
.556(14.12)
.004(0.10)
.010(0.25)
0
7
*Controlling dimension: Millimeters
PIN 1 ID
0.56(0.022)
0.44(0.018)
16.25(0.640)
15.75(0.620)
0.17(0.007)
0.27(0.011)
14.10(0.555)
13.90(0.547)
0.95(0.037)
1.27(0.05)
0.05(0.002)
0.15(0.006)
0.45(0.018)
0.75(0.030)
0-7
0.20(0.008)
0.10(0.004)
*Controlling dimension: Millimeters
1.218(30.95)
1.238(31.45)
SQ
.008(0.20)
.016(0.40)
PIN 1 ID
.0256(0.65) BSC
1.098(27.90)
1.106(28.10)
SQ
.127(3.22)
.157(3.97)
.002(0.05)
.020(0.50)
.025(0.65)
.037(0.95)
0
7
.004(0.10)
.009(0.23)
84J, 84 Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-018 AF
100Q1, 100 Lead, Plastic Gull Wing Quad Flat
Package (PQFP)
Dimensions in Millimeters and (Inches)
100A, 100 Lead, Very Thin (1.0mm) Plastic Gull
Wing Quad Flat Package (TQFP)
Dimensions in Millimeters and (Inches)*
160Q, 160 Lead, Plastic Gull Wing Quad Flat
Package (PQFP)
Dimensions in Millimeters and (Inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com