Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS2343 Datasheet (PDF) - ATMEL Corporation

AT90LS2343 Datasheet PDF - ATMEL Corporation
Part # AT90LS2343
Download  AT90LS2343 Download
File Size   983.97 Kbytes
Page   64 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash

AT90LS2343 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90LS2343 Datasheet PDF - ATMEL Corporation

Part # AT90LS2343
Download  AT90LS2343 Click to download

File Size   983.97 Kbytes
Page   64 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 2K Bytes of In-System Programmable Flash

AT90LS2343 Datasheet (HTML) - ATMEL Corporation


AT90LS2343 Product details

Description

The AT90S/LS2323 and AT90S/LS2343 are low-power, CMOS, 8-bit microcontrollers based on the AVR RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S2323/2343 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.



Features

• Utilizes the AVR®RISC Architecture

• AVR – High-performance and Low-power RISC Architecture

– 118 Powerful Instructions – Most Single Clock Cycle Execution

– 32 x 8 General-purpose Working Registers

– Up to 10 MIPS Throughput at 10 MHz

• Data and Nonvolatile Program Memory

– 2K Bytes of In-System Programmable Flash

Endurance: 1,000 Write/Erase Cycles

– 128 Bytes Internal RAM

– 128 Bytes of In-System Programmable EEPROM

Endurance: 100,000 Write/Erase Cycles

– Programming Lock for Flash Program and EEPROM Data Security

• Peripheral Features

– One 8-bit Timer/Counter with Separate Prescaler

– Programmable Watchdog Timer with On-chip Oscillator

– SPI Serial Interface for In-System Programming

• Special Microcontroller Features

– Low-power Idle and Power-down Modes

– External and Internal Interrupt Sources

– Power-on Reset Circuit

– Selectable On-chip RC Oscillator

• Specifications

– Low-power, High-speed CMOS Process Technology

– Fully Static Operation

• Power Consumption at 4 MHz, 3V, 25°C

– Active: 2.4 mA

– Idle Mode: 0.5 mA

– Power-down Mode: <1 µA

• I/O and Packages

– Three Programmable I/O Lines for AT90S/LS2323

– Five Programmable I/O Lines for AT90S/LS2343

– 8-pin PDIP and SOIC

• Operating Voltages

– 4.0 - 6.0V for AT90S2323/AT90S2343

– 2.7 - 6.0V for AT90LS2323/AT90LS2343

• Speed Grades

– 0 - 10 MHz for AT90S2323/AT90S2343-10

– 0 - 4 MHz for AT90LS2323/AT90LS2343-4

– 0 - 1 MHz for AT90LS2343-1




Similar Part No. - AT90LS2343

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90LS2343 ATMEL-AT90LS2343_14 Datasheet
1Mb / 64P
AVR ??High-performance and Low-power RISC Architecture
More results


Similar Description - AT90LS2343

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313_02 Datasheet
1Mb / 92P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com