Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90S8535 Datasheet (PDF) - ATMEL Corporation

90S8535 Datasheet PDF - ATMEL Corporation
Part # 90S8535
Download  90S8535 Download
File Size   482.33 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash

90S8535 Datasheet (PDF)

Go To PDF Page Download Datasheet
90S8535 Datasheet PDF - ATMEL Corporation

Part # 90S8535
Download  90S8535 Click to download

File Size   482.33 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash

90S8535 Datasheet (HTML) - ATMEL Corporation


90S8535 Product details

Description
The AT90S4434/8535 is a low-power CMOS 8-bit microcontroller based on the AVR® enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S4434/8535 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• Utilizes the AVR ® Enhanced RISC Architecture
• AVR - High Performance and Low Power RISC Architecture
• 118 Powerful Instructions - Most Single Clock Cycle Execution
• 8K bytes of In-System Programmable Flash AT90S/LS8535
4K bytes of In-System Programmable Flash AT90S/LS4434
– SPI Serial Interface for In-System Programming
– Endurance: 1,000 Write/Erase Cycles
• 512 bytes EEPROM AT90S/LS8535
256 bytes EEPROM AT90S/LS4434
– Endurance: 100,000 Write/Erase Cycles
• 512 bytes Internal SRAM AT90S/LS8535
256 bytes Internal SRAM AT90S/LS4434
• 8-Channel, 10-Bit ADC
• 32 x 8 General Purpose Working Registers
• 32 Programmable I/O Lines
• Programmable Serial UART
• VCC: 4.0 - 6.0V AT90S4434/AT90S8535
• VCC: 2.7 - 6.0V AT90LS4434/AT90LS8535
• Speed Grades:
0 - 8 MHz AT90S4434/AT90S8535,
0 - 4 MHz (AT90LS4434/AT90LS8535
• Power-On Reset Circuit
• Up to 8 MIPS Throughput at 8 MHz
• RTC with Separate Oscillator and Counter Mode
• Two 8-Bit Timer/Counters with Separate Prescaler and Compare Mode
• One 16-Bit Timer/Counter with Separate Prescaler and Compare and Capture Modes
• 3 PWM channels
• External and Internal Interrupt Sources
• Programmable Watchdog Timer with On-Chip Oscillator
• On-Chip Analog Comparator
• Three Sleep Modes: Idle, Power Save, and Power Down
• Programming Lock for Software Security




Similar Part No. - 90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
90S1200 ATMEL-90S1200 Datasheet
310Kb / 7P
8-Bit Microcontroller with 1K bytes In-System Programmable Flash
90S2313 ATMEL-90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
90S4414 ATMEL-90S4414 Datasheet
736Kb / 10P
8-Bit Microcontroller with 4K bytes In-System Programmable Flash
logo
QUARTZCOM the communica...
90S7A QUARTZCOM-90S7A Datasheet
176Kb / 1P
-20 ~ 70 째C commercia l application -30 ~ 75 째C on request
logo
NIHON DEMPA KOGYO
90SC15B NDK-90SC15B Datasheet
78Kb / 1P
four-pole crystal filter with a built-in coupling capacitor
More results


Similar Description - 90S8535

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA4HVD ATMEL-ATMEGA4HVD Datasheet
286Kb / 18P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51_11 Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com