Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90S4414 Datasheet (PDF) - ATMEL Corporation

90S4414 Datasheet PDF - ATMEL Corporation
Part # 90S4414
Download  90S4414 Download
File Size   736.32 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 4K bytes In-System Programmable Flash

90S4414 Datasheet (PDF)

Go To PDF Page Download Datasheet
90S4414 Datasheet PDF - ATMEL Corporation

Part # 90S4414
Download  90S4414 Click to download

File Size   736.32 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Bit Microcontroller with 4K bytes In-System Programmable Flash

90S4414 Datasheet (HTML) - ATMEL Corporation


90S4414 Product details

Description
The AT90S4414 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90S4414 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
The AVR core is based on an enhanced RISC architecture that combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. (continued)

Features
• AVR® - High Performance and Low Power RISC Architecture
• 118 Powerful Instructions - Most Single Clock Cycle Execution
• 4K bytes of In-System Reprogrammable Flash
   – SPI Serial Interface for Program Downloading
   – Endurance: 1,000 Write/Erase Cycles
• 256 bytes EEPROM
   – Endurance: 100,000 Write/Erase Cycles
• 256 bytes Internal SRAM
• 32 x 8 General Purpose Working Registers
• 32 Programmable I/O Lines
• Programmable Serial UART
• SPI Serial Interface
• VCC: 2.7 - 6.0V
• Fully Static Operation
   – 0 - 8 MHz, 4.0 - 6.0V
   – 0 - 4 MHz, 2.7 - 4.0V
• Up to 8 MIPS Throughput at 8 MHz
• One 8-Bit Timer/Counter with Separate Prescaler
• One 16-Bit Timer/Counter with Separate Prescaler and Compare and Capture Modes
• Dual PWM
• External and Internal Interrupt Sources
• Programmable Watchdog Timer with On-Chip Oscillator
• On-Chip Analog Comparator
• Low Power Idle and Power Down Modes
• Programming Lock for Software Security




Similar Part No. - 90S4414

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
90S1200 ATMEL-90S1200 Datasheet
310Kb / 7P
8-Bit Microcontroller with 1K bytes In-System Programmable Flash
90S2313 ATMEL-90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
logo
QUARTZCOM the communica...
90S7A QUARTZCOM-90S7A Datasheet
176Kb / 1P
-20 ~ 70 째C commercia l application -30 ~ 75 째C on request
logo
ATMEL Corporation
90S8535 ATMEL-90S8535 Datasheet
482Kb / 10P
8-Bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
logo
NIHON DEMPA KOGYO
90SC15B NDK-90SC15B Datasheet
78Kb / 1P
four-pole crystal filter with a built-in coupling capacitor
More results


Similar Description - 90S4414

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com