Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7813 Datasheet (PDF) - Bourns Electronic Solutions

7813 Datasheet PDF - Bourns Electronic Solutions
Part # 7813
Download  7813 Download
File Size   171.39 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SMD 3 mm Square Sealed Rotary Switch

7813 Datasheet (PDF)

Go To PDF Page Download Datasheet
7813 Datasheet PDF - Bourns Electronic Solutions

Part # 7813
Download  7813 Click to download

File Size   171.39 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SMD 3 mm Square Sealed Rotary Switch

7813 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7813 BOURNS-7813 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
List of Unclassifed Man...
7813 ETC2-7813 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Alpha Wire
78130 ALPHAWIRE-78130 Datasheet
408Kb / 4P
24 (19/36) AWG Tinned Copper
logo
Wixroyd Group Ltd
78130 WIXROYD-78130 Datasheet
388Kb / 2P
Pull Handles - Aluminium for 19“ drawers and instrument panels
More results


Similar Description - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
Sealed Rotary DIP Switch
A6CV OMRON-A6CV Datasheet
583Kb / 4P
Sealed Rotary DIP Switch
logo
Bourns Electronic Solut...
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
logo
Panasonic Semiconductor
EVCX PANASONIC-EVCX Datasheet
97Kb / 2P
18 mm Square Rotary Potentiometers
logo
Bourns Electronic Solut...
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com