Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T5760 Datasheet (PDF) - ATMEL Corporation

T5760 Datasheet PDF - ATMEL Corporation
Part # T5760
Download  T5760 Download
File Size   765.92 Kbytes
Page   32 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description UHF ASK/FSK Receiver

T5760 Datasheet (PDF)

Go To PDF Page Download Datasheet
T5760 Datasheet PDF - ATMEL Corporation

Part # T5760
Download  T5760 Click to download

File Size   765.92 Kbytes
Page   32 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description UHF ASK/FSK Receiver

T5760 Datasheet (HTML) - ATMEL Corporation


T5760 Product details

Description

The T5760/T5761 is a multi-chip PLL receiver device supplied in an SO20 package. It has been especially developed for the demands of RF low-cost data transmission systems with data rates from 1 kBaud to 10 kBaud in Manchester or Bi-phase code. The receiver is well suited to operate with the Atmel Wireless & Microcontrollers’ PLL RF transmitter T5750. Its main applications are in the areas of telemetering, security technology and key less-entry systems. It can be used in the frequency receiving range of f0 = 868 to 870 MHz or f0 = 902 to 928 MHz for ASK or FSK data transmission. All the statements made below refer to 868.3 MHz and 915.0 MHz applications.



Features

• Fully integrated LC-VCO and PLL loop filter

• Very high sensitivity with power matched LNA

• 30 dB image rejection

• High system IIP3 (–16 dBm), system 1-dB compression point (–25 dBm)

• High large-signal capability at GSM band (blocking –30 dBm @ + 20 MHz, IIP3 = –12 dBm @ + 20 MHz)

• 5 V to 20 V automotive compatible data interface

• Data clock available for Manchester- and Bi-phase-coded signals

• Programmable digital noise suppresion

• Receiving bandwidth BIF = 600 kHz for low cost 90-ppm crystals

• Low power consumption due to configurable polling

• Temperature range –40°C to 105°C

• ESD protection 2 kV HBM, 200 V MM

• Communication to μC possible via a single bi-directional data line

• Low-cost solution due to high integration level with minimum external circuitry requirements



 




Similar Part No. - T5760

ManufacturerPart #DatasheetDescription
logo
EPCOS
T57 EPCOS-T57 Datasheet
163Kb / 6P
Ferrites and accessories
logo
Infineon Technologies A...
T570N INFINEON-T570N Datasheet
249Kb / 10P
Netz-Thyristor Phase Control Thyristor
2010-01-18 revision:3.1
T570N INFINEON-T570N Datasheet
351Kb / 11P
Hermeticaly sealed ceramic package
T570N INFINEON-T570N_14 Datasheet
351Kb / 11P
Hermeticaly sealed ceramic package
logo
eupec GmbH
T571N EUPEC-T571N Datasheet
619Kb / 8P
Phase Control Thyristor
More results


Similar Description - T5760

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3741BM TEMIC-U3741BM Datasheet
429Kb / 25P
UHF ASK/FSK Receiver
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
UHF ASK/FSK RECEIVER
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
UHF ASK/FSK Receiver
ATA5760 ATMEL-ATA5760 Datasheet
695Kb / 41P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742 Datasheet
539Kb / 34P
UHF ASK/FSK Receiver
ATA3745 ATMEL-ATA3745 Datasheet
497Kb / 30P
UHF ASK/FSK Receiver
ATA5745 ATMEL-ATA5745_07 Datasheet
762Kb / 44P
UHF ASK/FSK Receiver
ATA3742 ATMEL-ATA3742_07 Datasheet
601Kb / 34P
UHF ASK/FSK Receiver
ATA5782 ATMEL-ATA5782_14 Datasheet
755Kb / 20P
UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
UHF ASK/FSK Receiver
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com