Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2220 Datasheet (PDF) - Analog Devices

SSM2220 Datasheet PDF - Analog Devices
Part # SSM2220
Download  SSM2220 Download
File Size   383.17 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio Dual Matched PNP Transistor

SSM2220 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM2220 Datasheet PDF - Analog Devices

Part # SSM2220
Download  SSM2220 Click to download

File Size   383.17 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio Dual Matched PNP Transistor

SSM2220 Datasheet (HTML) - Analog Devices


SSM2220 Product details

GENERAL DESCRIPTION

The SSM2220 is a dual, low noise, matched PNP transistor, which has been optimized for use in audio applications.

The ultralow input voltage noise of the SSM2220 is typically only 0.7 nV/√Hz over the entire audio bandwidth of 20 Hz to 20 kHz. The low noise, high bandwidth (190 MHz), and offset voltage of (200 μV maximum) make the SSM2220 an ideal choice for demanding, low noise preamplifier applications.



FEATURES

  Low voltage noise at 100 Hz, 1 nV/√Hz maximum

  High gain bandwidth: 190 MHz typical

  Gain at IC = 1 mA, 165 typical

  Tight gain matching: 3% maximum

  Outstanding logarithmic conformance: rBE = 0.3 Ω typical

  Low offset voltage: 200 μV maximum



APPLICATIONS

  Microphone preamplifiers

  Tape head preamplifiers

  Current sources and mirrors

  Low noise precision instrumentation

  Voltage controlled amplifiers/multipliers



 




Similar Part No. - SSM2220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2220 AD-SSM2220 Datasheet
427Kb / 8P
Audio Dual Natched PNP transistor
SSM2220P AD-SSM2220P Datasheet
427Kb / 8P
Audio Dual Natched PNP transistor
SSM2220S AD-SSM2220S Datasheet
427Kb / 8P
Audio Dual Natched PNP transistor
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
More results


Similar Description - SSM2220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
MAT12AHZ AD-MAT12AHZ Datasheet
271Kb / 12P
Audio, Dual-Matched NPN Transistor
REV. 0
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
Audio, Dual-Matched NPN Transistor
6/15-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com