Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4738 Datasheet (PDF) - Toshiba Semiconductor

2SC4738 Datasheet PDF - Toshiba Semiconductor
Part # 2SC4738
Download  2SC4738 Download
File Size   211.4 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)

2SC4738 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4738 Datasheet PDF - Toshiba Semiconductor

Part # 2SC4738
Download  2SC4738 Click to download

File Size   211.4 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)

2SC4738 Datasheet (HTML) - Toshiba Semiconductor


2SC4738 Product details

Audio Frequency General Purpose Amplifier Applications





High Voltage: VCEO= 50 V

High Current: IC= 150 mA (max)

High hFE: hFE= 120 to 400

Excellent hFELinearity

         : hFE(IC= 0.1 mA)/hFE(IC= 2 mA) = 0.95 (typ.)

Complementary to 2SA1832FT




Similar Part No. - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
409Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Audio Frequency General Purpose Amplifier Applications
logo
Guangdong Kexin Industr...
2SC4738 KEXIN-2SC4738 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar type
logo
Weitron Technology
2SC4738 WEITRON-2SC4738 Datasheet
159Kb / 3P
NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC4738 SECOS-2SC4738 Datasheet
277Kb / 2P
0.15A , 60V NPN Plastic Encapsulated Transistor
More results


Similar Description - 2SC4738

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
2SD2655 TOSHIBA-2SD2655 Datasheet
70Kb / 2P
TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL TYPE (PCT PROCESS)
RN4905 TOSHIBA-RN4905 Datasheet
162Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
TPCP8505 TOSHIBA-TPCP8505 Datasheet
205Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process
2SC1815L-GR TOSHIBA-2SC1815L-GR Datasheet
256Kb / 4P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com