Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF00325BA02642S Datasheet (PDF) - API Technologies Corp

SF00325BA02642S Datasheet PDF - API Technologies Corp
Part # SF00325BA02642S
Download  SF00325BA02642S Download
File Size   176.64 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 325 MHz SAW bandpass filter with 10 MHz bandwidth

SF00325BA02642S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF00325BA02642S Datasheet PDF - API Technologies Corp

Part # SF00325BA02642S
Download  SF00325BA02642S Click to download

File Size   176.64 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 325 MHz SAW bandpass filter with 10 MHz bandwidth

SF00325BA02642S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF00325BA02642S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
More results


Similar Description - SF00325BA02642S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
079890-514 APITECH-079890-514 Datasheet
838Kb / 3P
304 MHz SAW Bandpass Filter with 4 MHz bandwidth
074949-518 APITECH-074949-518 Datasheet
129Kb / 3P
68.256 MHz SAW bandpass filter with 2.4 MHz bandwidth.
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0307BA03149S SPECTRUM-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
SF0326BA03198S SPECTRUM-SF0326BA03198S Datasheet
222Kb / 3P
326.4 MHz SAW bandpass filter with 10 MHz bandwidth
logo
API Technologies Corp
SF0307BA03149S APITECH-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
SF0325BA02633S APITECH-SF0325BA02633S Datasheet
400Kb / 3P
325 MHz SAW Filter 12 MHz Bandwidth
SF0325BA02646S APITECH-SF0325BA02646S Datasheet
155Kb / 4P
325 MHz SAW Filter 6.7 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com