Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0325BA02646S Datasheet (PDF) - API Technologies Corp

SF0325BA02646S Datasheet PDF - API Technologies Corp
Part # SF0325BA02646S
Download  SF0325BA02646S Download
File Size   155.77 Kbytes
Page   4 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 325 MHz SAW Filter 6.7 MHz Bandwidth

SF0325BA02646S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0325BA02646S Datasheet PDF - API Technologies Corp

Part # SF0325BA02646S
Download  SF0325BA02646S Click to download

File Size   155.77 Kbytes
Page   4 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 325 MHz SAW Filter 6.7 MHz Bandwidth

SF0325BA02646S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0325BA02646S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
More results


Similar Description - SF0325BA02646S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855094 TRIQUINT-855094 Datasheet
605Kb / 5P
325 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
logo
KR Electronics, Inc.
2820-6.7 KR-2820-6.7 Datasheet
48Kb / 2P
6.7 MHz bandpass filter
logo
API Technologies Corp
SF0240BA03145S APITECH-SF0240BA03145S Datasheet
159Kb / 3P
240 MHz SAW Filter 6.7 MHz Bandwidth
SF0036BA01072T APITECH-SF0036BA01072T Datasheet
119Kb / 3P
36.3 MHz SAW Filter 6.7 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02633S SPECTRUM-SF0325BA02633S Datasheet
400Kb / 3P
Miniature 325 MHz SAW Filter with a 12 MHz typical 3dB bandwidth
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
logo
API Technologies Corp
SF00325BA02642S APITECH-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02633S APITECH-SF0325BA02633S Datasheet
400Kb / 3P
325 MHz SAW Filter 12 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com