Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855094 Datasheet (PDF) - TriQuint Semiconductor

855094 Datasheet PDF - TriQuint Semiconductor
Part # 855094
Download  855094 Download
File Size   605.26 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 325 MHz SAW Filter

855094 Datasheet (PDF)

Go To PDF Page Download Datasheet
855094 Datasheet PDF - TriQuint Semiconductor

Part # 855094
Download  855094 Click to download

File Size   605.26 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 325 MHz SAW Filter

855094 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - 855094

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855091 TRIQUINT-855091 Datasheet
43Kb / 1P
240 MHz Bandpass Filter
More results


Similar Description - 855094

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF00325BA02642S SPECTRUM-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02633S SPECTRUM-SF0325BA02633S Datasheet
400Kb / 3P
Miniature 325 MHz SAW Filter with a 12 MHz typical 3dB bandwidth
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
logo
API Technologies Corp
SF00325BA02642S APITECH-SF00325BA02642S Datasheet
176Kb / 3P
325 MHz SAW bandpass filter with 10 MHz bandwidth
SF0325BA02633S APITECH-SF0325BA02633S Datasheet
400Kb / 3P
325 MHz SAW Filter 12 MHz Bandwidth
SF0325BA02646S APITECH-SF0325BA02646S Datasheet
155Kb / 4P
325 MHz SAW Filter 6.7 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0398A TAI-SAW-TB0398A Datasheet
187Kb / 6P
325 MHz IF SAW Filter (SMD 7.0횞5.0 mm)
TB0457A TAI-SAW-TB0457A Datasheet
285Kb / 7P
IF SAW Filter 325 MHz(SMD 7.0X5.0mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com