Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0036BA01072T Datasheet (PDF) - API Technologies Corp

SF0036BA01072T Datasheet PDF - API Technologies Corp
Part # SF0036BA01072T
Download  SF0036BA01072T Download
File Size   119.29 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 36.3 MHz SAW Filter 6.7 MHz Bandwidth

SF0036BA01072T Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0036BA01072T Datasheet PDF - API Technologies Corp

Part # SF0036BA01072T
Download  SF0036BA01072T Click to download

File Size   119.29 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 36.3 MHz SAW Filter 6.7 MHz Bandwidth

SF0036BA01072T Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0036BA01072T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0036BA01072T ICST-SF0036BA01072T Datasheet
213Kb / 2P
36.3 MHz Filter for VSB system B/G - IF Applications
More results


Similar Description - SF0036BA01072T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
logo
KR Electronics, Inc.
2820-6.7 KR-2820-6.7 Datasheet
48Kb / 2P
6.7 MHz bandpass filter
logo
API Technologies Corp
SF0240BA03145S APITECH-SF0240BA03145S Datasheet
159Kb / 3P
240 MHz SAW Filter 6.7 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0325BA02646S SPECTRUM-SF0325BA02646S Datasheet
155Kb / 4P
Miniature 325 MHz SAW Filter with 6.7 MHz bandwidth
logo
API Technologies Corp
SF0325BA02646S APITECH-SF0325BA02646S Datasheet
155Kb / 4P
325 MHz SAW Filter 6.7 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1220BA02539S SPECTRUM-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1843BA02590S SPECTRUM-SF1843BA02590S Datasheet
79Kb / 3P
1842.5 MHz SAW Filter 75 MHz Bandwidth
SF1880BA02524S SPECTRUM-SF1880BA02524S Datasheet
331Kb / 4P
1880 MHz SAW Filter 60 MHz Bandwidth
SF2133BA02661S SPECTRUM-SF2133BA02661S Datasheet
126Kb / 3P
2132.5 MHz SAW Filter 45 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com