Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0380BA02443S Datasheet (PDF) - API Technologies Corp

SF0380BA02443S Datasheet PDF - API Technologies Corp
Part # SF0380BA02443S
Download  SF0380BA02443S Download
File Size   159.38 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 380 MHz SAW Filter 3.7 MHz Bandwidth

SF0380BA02443S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0380BA02443S Datasheet PDF - API Technologies Corp

Part # SF0380BA02443S
Download  SF0380BA02443S Click to download

File Size   159.38 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 380 MHz SAW Filter 3.7 MHz Bandwidth

SF0380BA02443S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0380BA02443S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0380BA02443S SPECTRUM-SF0380BA02443S Datasheet
159Kb / 3P
380 MHz SAW Filter 3.7 MHz Bandwidth
More results


Similar Description - SF0380BA02443S

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1125A RFM-SF1125A Datasheet
193Kb / 6P
380 MHz SAW Filter
logo
TriQuint Semiconductor
855954 TRIQUINT-855954 Datasheet
523Kb / 5P
380 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0380BA02442S SPECTRUM-SF0380BA02442S Datasheet
154Kb / 3P
380 MHz SAW Filter 2.5 MHz Bandwidth
SF0380BA02443S SPECTRUM-SF0380BA02443S Datasheet
159Kb / 3P
380 MHz SAW Filter 3.7 MHz Bandwidth
SF0456BA02445S SPECTRUM-SF0456BA02445S Datasheet
155Kb / 3P
456 MHz SAW Filter 3.7 MHz Bandwidth
logo
API Technologies Corp
SF0380BA02442S APITECH-SF0380BA02442S Datasheet
154Kb / 3P
380 MHz SAW Filter 2.5 MHz Bandwidth
SF0456BA02445S APITECH-SF0456BA02445S Datasheet
155Kb / 3P
456 MHz SAW Filter 3.7 MHz Bandwidth
logo
TriQuint Semiconductor
855530 TRIQUINT-855530_15 Datasheet
555Kb / 5P
380 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0165A TAI-SAW-TB0165A Datasheet
324Kb / 5P
SAW Filter 380 MHz
TB0166A TAI-SAW-TB0166A Datasheet
335Kb / 5P
SAW Filter 380 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com