Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0380BA02443S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0380BA02443S
Description  380 MHz SAW Filter 3.7 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0380BA02443S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0380BA02443S Datasheet HTML 1Page - API Technologies Corp SF0380BA02443S Datasheet HTML 2Page - API Technologies Corp SF0380BA02443S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
380 MHz SAW Filter
3.7 MHz Bandwidth
Part Number: SF0380BA02443S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0380BA02443S
Rev A 19-Mar-2010
ECN 36650
Page 2 of 3
10
4
12
6
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
379.9
380.0
380.1
MHz
Insertion Loss
-
10.5
13
dB
Passband Ripple (380 +/- 1.7 MHz)
-
0.7
1
dB p-p
Passband Ripple (380 +/- 1.85 MHz)
1.1
3
dB p-p
Group Delay Ripple (380 +/- 1.7 MHz)
-
90
150
ns p-p
Absolute Group Delay
-
0.88
3
µs
Rejection (380 +/- 2.5 MHz)
2
40
43
-
dB
Rejection (10 to 180 MHz)
2
30
60
-
dB
Rejection (180 to 284 MHz)
2
40
60
-
dB
Rejection (284 to 340 MHz)
2
50
58
-
dB
Rejection (340 to 376.65 MHz)
2
40
50
-
dB
Rejection (383.35 to 580 MHz)
2
40
50
-
dB
Rejection (580 to 870 MHz)
2
30
60
-
dB
Input and Output Return Loss at Fc
8
12
-
dB
Substrate Material
-
Quartz
-
Operating Temperature Range
-40
25
85
°C
Temperature Coefficient of Frequency (Tc)
-
-0.036
-
ppm/°C
2
System Source and Load Impedance
-
50
-
Ω
Notes: 1. Average of lower & upper 30 dB frequencies.
2. Rejection relative to insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Operating Temperature Range
1
-40
+85
˚C
Storage Temperature Range
-40
+85
˚C
Input Power Level
-
+17
dBm
MATCHING CIRCUIT
Notes:
1.
Required component tolerances – inductors ±1% with min Q=40, capacitors ±5%.
2.
Values shown are for reference only. Actual values are dependent upon board layout.
Ls1
=
27
nH
Ls2 =
33
nH
Cp1 =
24
pF
Cp2 =
22
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com