Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10001 Datasheet (PDF) - Boca Semiconductor Corporation

MJ10001 Datasheet PDF - Boca Semiconductor Corporation
Part # MJ10001
Download  MJ10001 Download
File Size   195.2 Kbytes
Page   4 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS

MJ10001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10001 Datasheet PDF - Boca Semiconductor Corporation

Part # MJ10001
Download  MJ10001 Click to download

File Size   195.2 Kbytes
Page   4 Pages
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation
Description SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS

MJ10001 Datasheet (HTML) - Boca Semiconductor Corporation


MJ10001 Product details

The MJ10000 and MJ10001 darlington transistor is designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switch-mode applications such as:
   
FEATURES:
• Continuous Collector Current - IC = 20 A
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls




Similar Part No. - MJ10001

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10001 MOSPEC-MJ10001 Datasheet
188Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
logo
Wing Shing Computer Com...
MJ10001 WINGS-MJ10001 Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results


Similar Description - MJ10001

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ10002 BOCA-MJ10002 Datasheet
189Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
BUT14 NJSEMI-BUT14 Datasheet
133Kb / 3P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSOSTPRS
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ10004 NJSEMI-MJ10004 Datasheet
99Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results




About Boca Semiconductor Corporation


Boca Semiconductor Corporation was a semiconductor company based in Irvine, California, United States, that produced a wide range of semiconductor products including diodes, rectifiers, transistors, voltage regulators, and other electronic components.

The company was founded in 1965 as Boca Research, a manufacturer of laboratory equipment. In the early 1980s, the company shifted its focus to semiconductor products and changed its name to Boca Semiconductor Corporation. Boca Semiconductor was acquired by Allegro Microsystems in 2001, and the company's product lines were integrated into Allegro's semiconductor portfolio.

Boca Semiconductor had a reputation for producing high-quality, reliable products, and had a strong presence in the automotive, telecommunications, and industrial markets. The company's products were used in a wide range of applications, including power supplies, lighting, motor control, and audio amplification.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com