Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10001 Datasheet (PDF) - Mospec Semiconductor

MJ10001 Datasheet PDF - Mospec Semiconductor
Part # MJ10001
Download  MJ10001 Download
File Size   188.3 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(20A,350-400V,175W)

MJ10001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10001 Datasheet PDF - Mospec Semiconductor

Part # MJ10001
Download  MJ10001 Click to download

File Size   188.3 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(20A,350-400V,175W)

MJ10001 Datasheet (HTML) - Mospec Semiconductor


MJ10001 Product details

The MJ10000 and MJ10001 darlington transistor is designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switch-mode applications such as:
   
FEATURES:
• Continuous Collector Current - IC = 20 A
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls




Similar Part No. - MJ10001

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
MJ10001 WINGS-MJ10001 Datasheet
21Kb / 1P
NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10001 BOCA-MJ10001 Datasheet
195Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
More results


Similar Description - MJ10001

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6546 MOSPEC-2N6546 Datasheet
211Kb / 4P
POWER TRANSISTORS(15A,175W)
2N6676 MOSPEC-2N6676 Datasheet
137Kb / 3P
POWER TRANSISTORS(15A,175W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
POWER TRANSISTORS(15A,400-450V,175W)
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
POWER TRANSISTORS(20A,350-400V,175W)
MJ10006 MOSPEC-MJ10006 Datasheet
190Kb / 4P
POWER TRANSISTORS(10A,350-400V,150W)
MJ10008 MOSPEC-MJ10008 Datasheet
189Kb / 4P
POWER TRANSISTORS(20A,400-500V,175W)
MJ10012 MOSPEC-MJ10012 Datasheet
176Kb / 4P
POWER TRANSISTORS(10A,400V,175W)
MJ10013 MOSPEC-MJ10013 Datasheet
195Kb / 4P
POWER TRANSISTORS(10A,550-600V,175W)
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
POWER TRANSISTORS(40A,350-400V,250W)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com