Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0864BA02511S Datasheet (PDF) - API Technologies Corp

SF0864BA02511S Datasheet PDF - API Technologies Corp
Part # SF0864BA02511S
Download  SF0864BA02511S Download
File Size   110.21 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 864 MHz SAW Filter 3 MHz Bandwidth

SF0864BA02511S Datasheet (PDF)

Go To PDF Page Download Datasheet
SF0864BA02511S Datasheet PDF - API Technologies Corp

Part # SF0864BA02511S
Download  SF0864BA02511S Click to download

File Size   110.21 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 864 MHz SAW Filter 3 MHz Bandwidth

SF0864BA02511S Datasheet (HTML) - API Technologies Corp




Similar Part No. - SF0864BA02511S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0864BA02511S ICST-SF0864BA02511S Datasheet
62Kb / 2P
864 MHz SAW Filter 3 MHz Bandwidth
rev. X1
logo
Spectrum Microwave, Inc...
SF0864BA02511S SPECTRUM-SF0864BA02511S Datasheet
110Kb / 3P
864 MHz SAW Filter 3 MHz Bandwidth
More results


Similar Description - SF0864BA02511S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03051S ICST-SF0070BA03051S Datasheet
254Kb / 2P
70 MHz Filter 3 MHz Bandwidth
Rev X3
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
240 MHz SAW Filter 1.23 MHz Bandwidth
Rev X2
SF0864BA02511S ICST-SF0864BA02511S Datasheet
62Kb / 2P
864 MHz SAW Filter 3 MHz Bandwidth
rev. X1
logo
TAI-SAW TECHNOLOGY CO.,...
TA0287A TAI-SAW-TA0287A Datasheet
441Kb / 5P
SAW Filter 864 MHz SMD 3.8횞3.8 mm
logo
API Technologies Corp
SF0070BA03051S APITECH-SF0070BA03051S Datasheet
255Kb / 2P
70 MHz Filter 3 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0864BA02510S SPECTRUM-SF0864BA02510S Datasheet
149Kb / 3P
864 MHz SAW Filter 12 MHz Bandwidth
SF0864BA02511S SPECTRUM-SF0864BA02511S Datasheet
110Kb / 3P
864 MHz SAW Filter 3 MHz Bandwidth
SF1220BA02539S SPECTRUM-SF1220BA02539S Datasheet
175Kb / 5P
1220 MHz SAW Filter 3.4 MHz Bandwidth
logo
API Technologies Corp
SF0864BA02510S APITECH-SF0864BA02510S Datasheet
149Kb / 3P
864 MHz SAW Filter 12 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA1622A TAI-SAW-TA1622A Datasheet
170Kb / 7P
SAW Filter 864 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com